FPM3182H-R010BKP
AI

The **FPM3182H-R010BKP** is a specific part number typically associated with a **Fingerprint Sensor Module**. These modules are integrated into laptops, security devices, and mobile hardware for biometric authentication.
Below is a breakdown of the electronic components and technical specifications associated with this type of hardware.
---
### 1. Key Technical Specifications
| Parameter | Description |
| :--- | :--- |
| **Technology** | Capacitive CMOS Imaging |
| **Interface** | SPI (Serial Peripheral Interface) or USB |
| **Resolution** | 508 DPI (Typical for FPM series) |
| **Supply Voltage** | 3.0V to 3.6V (Typical) |
| **Sensing Area** | Large rectangular touch area for high FRR/FAR accuracy |
| **ESD Protection** | High resistance to static electricity (up to 15kV) |
---
### 2. Core Electronic Components
The module is not a single part but a System-in-Package (SiP) consisting of several sub-components:
#### A. Capacitive Sensor Array
The "heart" of the device. It consists of thousands of micro-capacitor plates. When a finger touches the surface, the ridges and valleys of the fingerprint create different capacitance values, which are converted into a digital image.
#### B. Analog-to-Digital Converter (ADC)
Since the physical touch is an analog signal (voltage variance), the onboard ADC converts these electrical charges into digital data that the processor can understand.
#### C. Bezel/Ring (Electrostatic Discharge Protection)
The metal ring surrounding the sensor acts as an ground for ESD. It ensures that any static electricity from the user's finger does not fry the sensitive CMOS internal circuitry.
#### D. Power Management Integrated Circuit (PMIC)
Small regulators on the ribbon cable or the underside of the PCB that step down the device voltage to the specific operating voltage required by the sensor (usually 1.8V for logic and 3.3V for sensing).
---
### 3. Pinout and Connectivity
Most FPM3182 series modules use a Flat Flexible Cable (FFC) connector. Common pins include:
1. **VDD:** Power Supply.
2. **GND:** Ground.
3. **SCLK:** SPI Clock signal.
4. **MOSI/MISO:** Master Out Slave In / Master In Slave Out (Data lines).
5. **CS/SS:** Chip Select.
6. **IRQ:** Interrupt Request (Wakes the CPU when a touch is detected).
---
### 4. Integration Logic
```python
# Example logic flow for the FPM3182H controller
def authenticate_user():
sensor.wake_up() # Triggered by IRQ pin
raw_image = sensor.capture_image()
template = biosig_library.process(raw_image)
if database.match(template):
return "Access Granted"
else:
return "Access Denied"
```
---
- ⤷
What is the pinout configuration for the FFC connector on this module?
- ⤷ Which driver software is required to interface the FPM3182H with Windows Hello?
- ⤷ How does capacitive sensing differ from optical sensing in fingerprint modules?