FPM3252H-R010BFP
AI

The **FPM3252H-R010BFP** is a specialized high-power surface-mount resistor, typically utilized in current sensing and power management applications. Below is a detailed technical breakdown of its electronic characteristics.
### 1. General Specifications
This component belongs to the **FPM Series**, which is designed for high precision and stability under high-current conditions.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Metal Plate Current Sense Resistor |
| **Resistance Value** | 10 mΩ (0.010 Ω) |
| **Resistance Tolerance** | ±1% (Standard for 'F' designation) |
| **Power Rating** | 3W to 5W (Depending on heatsink/trace layout) |
| **Temperature Coefficient (TCR)** | ±50 ppm/°C to ±75 ppm/°C |
| **Package Type** | SMD (Surface Mount Device) - 3252 Metric |
---
### 2. Physical Construction
The "FPM" series utilizes a **Metal Plate** construction rather than a thick-film paste. This provides several electronic advantages:
* **Low Inductance:** The solid metal element reduces parasitic inductance, making it ideal for high-frequency switching power supplies.
* **High Thermal Mass:** It can withstand high instantaneous pulse currents without failing.
* **AEC-Q200 Compliance:** Most parts in this series are automotive-grade, ensuring durability against vibration and thermal cycling.
---
### 3. Pinout and Terminals
The **3252** footprint is a wide-terminal configuration.
* **Heat Dissipation:** The wider terminals allow for a larger solder contact area, which acts as a bridge to the PCB copper planes to dissipate heat.
* **Kelvin Connection (Potential):** While this specific part is often a 2-terminal device, the wide pads help minimize measurement errors caused by lead resistance.
---
### 4. Application Use Cases
Because the resistance is very low (10 mΩ), it is primarily used to convert current into a measurable voltage ($V = I \times R$).
1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs.
2. **DC-DC Converters:** Providing feedback loops for over-current protection (OCP).
3. **Motor Control:** Sensing phase currents in brushless DC (BLDC) motors.
4. **Inverters:** Managing power flow in solar or industrial power modules.
---
### 5. Part Number Breakdown (Typical)
* **FPM:** Series Name (Metal Plate Power Resistor).
* **3252:** Physical size (approx. 3.2mm x 5.2mm).
* **H:** High power rating variant.
* **R010:** Resistance value ($R$ acts as decimal, $010 = 0.010 \Omega$).
* **BFP:** Packaging and tolerance code (e.g., Bulk or Tape & Reel, ±1%).
- ⤷What is the maximum operating temperature for the FPM3252H series?
- ⤷ How does the power rating derate when the ambient temperature exceeds 70°C?
- ⤷ Are there 4-terminal (Kelvin) versions available in this footprint for higher precision?