AI

The **FPM4182H-R010CFP** is a high-performance, compact fingerprint sensor module commonly used in security systems, smart locks, and biometric access control devices. It belongs to the family of capacitive fingerprint scanners designed for high resolution and fast processing.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and physical characteristics of the module:
| Parameter | Specification |
| :--- | :--- |
| **Sensor Type** | Capacitive Area Sensor |
| **Interface** | UART (Universal Asynchronous Receiver-Transmitter) |
| **Supply Voltage (VCC)** | 3.3V DC (Typical) |
| **Working Current** | < 40mA (Peak < 50mA) |
| **Scanning Resolution** | 508 DPI |
| **Active Area** | 8.0mm x 8.0mm |
| **Storage Capacity** | Typically 50 - 100 Fingerprints (model dependent) |
| **Baud Rate** | 9600 - 115200 bps (Default: 57600) |
---
### 2. Functional Electronic Components
The module is more than just a sensor; it is an integrated biometric system consisting of several key electronic layers:
#### A. Capacitive Sensing Array
Unlike optical sensors that use cameras, this part uses a grid of tiny capacitors. When a finger is placed on the surface, the ridges and valleys of the fingerprint create different capacitance values, which are converted into a digital image.
#### B. Integrated MCU (Microcontroller Unit)
The "H" in the series often signifies a high-speed processor onboard. This chip handles:
* **Image Pre-processing:** Filtering noise from the raw scan.
* **Template Extraction:** Converting the image into a mathematical "minutiae" map.
* **Matching Algorithm:** Comparing the live scan against the stored database.
#### C. Communication Interface (UART)
The module communicates with an external controller (like an Arduino, ESP32, or STM32) via simple Serial commands.
* **TX (Transmit):** Sends data/results to the host.
* **RX (Receive):** Accepts commands (e.g., "Enroll", "Verify", "Delete").
---
### 3. Pinout Configuration
The module typically uses a 6-pin or 4-pin connector. A standard layout is as follows:
1. **VCC:** 3.3V Power Supply.
2. **TX:** Data Output (connect to MCU RX).
3. **RX:** Data Input (connect to MCU TX).
4. **GND:** Ground.
5. **Touch Sensing (Optional):** A dedicated pin that outputs a signal when a finger is detected, allowing the main MCU to stay in sleep mode until used.
---
### 4. Use Case Advantages
* **Small Footprint:** The "4182" form factor is designed for slim devices like padlocks or smartphone-style integrations.
* **Low Power Consumption:** Features a "deep sleep" mode, making it ideal for battery-powered IoT devices.
* **High Security:** Capacitive sensors are much harder to spoof with "fake fingers" (printed photos) compared to cheap optical sensors.
- ⤷What is the command protocol for enrolling a new fingerprint on this module?
- ⤷ Can this sensor operate at 5V logic levels or does it require a level shifter?
- ⤷ How does the 'Touch Sensing' pin help in reducing power consumption?