FPM4182H-R010CFR
AI

The **FPM4182H-R010CFR** is a high-precision, high-power **Current Sense Resistor** (often categorized as a Shunt Resistor). These components are critical in power electronics for monitoring current flow by measuring the voltage drop across a known low resistance.
---
## 1. Key Technical Specifications
Below are the primary electronic characteristics typical for this specific series and part number:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Resistance Value** | 10 mΩ (0.010 Ohms) |
| **Power Rating** | 3W - 5W (Depending on PCB heat dissipation) |
| **Tolerance** | ±1% (denoted by 'F' in some coding) |
| **Construction** | Metal Plate / Shunt Technology |
| **Temperature Coefficient (TCR)** | Low (typically < 50 ppm/°C) |
| **Package Style** | Surface Mount (SMD) - High Power footprint |
---
## 2. Structural Composition
The part is engineered to handle high current loads without significant thermal drift.
* **Resistive Element:** Usually a specialized manganese-copper or nickel-chromium alloy. These materials provide a stable resistance even as the component heats up.
* **Terminations:** Large copper or tin-plated terminals designed for low contact resistance and efficient heat transfer to the PCB copper planes.
* **Molding:** Encapsulated in a flame-retardant epoxy or ceramic-based housing to protect the metal element from oxidation.
---
## 3. Operating Principle
The component operates based on **Ohm’s Law ($V = I \times R$)**.
1. The resistor is placed in series with the load.
2. As current ($I$) passes through the **10 mΩ** element, a small voltage ($V$) is generated.
3. Because the resistance ($R$) is extremely low, power loss ($P = I^2 \times R$) is minimized.
4. A sensing circuit (Current Sense Amplifier) measures the millivolt drop to determine the exact amperage.
---
## 4. Typical Applications
The FPM4182H-R010CFR is commonly found in circuits requiring robust power management:
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs.
* **DC-DC Converters:** Providing feedback loops for current-mode control.
* **Motor Controllers:** Detecting over-current conditions to prevent motor burnout.
* **Automotive Electronics:** Power distribution units and electronic power steering.
---
- ⤷
What is the maximum current this resistor can handle based on its wattage?
- ⤷ How does the TCR (Temperature Coefficient) affect the accuracy of the current reading?
- ⤷ What are the recommended PCB layout techniques for 4-terminal sensing with this part?