FPM4182H-R010DAQ
AI

The **FPM4182H-R010DAQ** is a high-performance fingerprint sensor module. While specific datasheets are often proprietary to the manufacturer (Fingerprint Cards AB), these modules generally share a standardized electronic architecture designed for biometric security.
---
## 1. Core Electronic Components
The module is an integrated system-on-chip (SoC) or a sensor-on-package assembly. Its electronics are divided into three primary layers:
| Component Layer | Functionality |
| :--- | :--- |
| **Capacitive Sensor Grid** | A CMOS-based array that detects the electrical charge difference between the ridges and valleys of a fingerprint. |
| **Analog Front-End (AFE)** | Converts the raw capacitive signals into digital data through high-precision ADCs (Analog-to-Digital Converters). |
| **Digital Logic / MCU** | Handles image processing, encryption (AES/RSA), and communication protocols. |
---
## 2. Technical Specifications (General Profile)
Based on the FPM series naming convention, the electronic characteristics typically include:
* **Supply Voltage ($V_{DD}$):** Typically operates between **1.8V and 3.3V**.
* **Interface:** Uses **SPI (Serial Peripheral Interface)** for high-speed data transfer to the host processor.
* **Resolution:** Usually 500 DPI or higher to meet security standards.
* **ESD Protection:** Integrated circuitry to protect against Electrostatic Discharge (often up to 15kV).
* **Current Consumption:**
* *Active Mode:* < 20mA.
* *Sleep/Deep Sleep:* < 10µA (essential for mobile/battery devices).
---
## 3. Pin Configuration Overview
The electronic interface is typically handled via a flexible printed circuit (FPC) connector.
| Pin Label | Type | Description |
| :--- | :--- | :--- |
| **VDD / VCC** | Power | Main power supply for the sensor. |
| **GND** | Ground | Common ground reference. |
| **SPI_MOSI** | Data In | Master Out Slave In - Command data from CPU. |
| **SPI_MISO** | Data Out | Master In Slave Out - Image data to CPU. |
| **SPI_SCK** | Clock | Serial Clock signal. |
| **IRQ / INT** | Output | Interrupt pin to wake the host when a finger is detected. |
| **RST** | Input | Hardware reset pin. |
---
## 4. Operational Circuit Diagram (Conceptual)
```cpp
// Typical Initialization Sequence for FPM Sensors
void setup_sensor() {
pinMode(SENSOR_CS, OUTPUT);
pinMode(SENSOR_IRQ, INPUT);
SPI.begin();
// Reset the sensor hardware
digitalWrite(SENSOR_RST, LOW);
delay(10);
digitalWrite(SENSOR_RST, HIGH);
// Check Communication
if(checkID() == SENSOR_ID) {
setMode(LOW_POWER_TOUCH_DETECTION);
}
}
```
---
## 5. Key Electronic Features
* **3D Pixel Sensing:** Unlike optical sensors, this uses capacitive sensing to map the "depth" of the finger, making it harder to spoof with 2D photos.
* **Automatic Gain Control (AGC):** Dynamically adjusts the sensitivity of the capacitive pixels based on skin moisture (dry vs. sweaty fingers).
* **On-Chip Encryption:** Some "DAQ" variants include hardware-accelerated encryption to ensure biometric data cannot be intercepted on the SPI bus.
- ⤷What is the specific SPI clock speed supported by the FPM4182H?
- ⤷ Does this module support 'Match-on-Chip' or 'Match-on-Host' processing?
- ⤷ What is the physical surface coating material used for durability?