FPM4182H-R010DAR
AI

The **FPM4182H-R010DAR** is a specialized electronic component, typically categorized as a **High-Precision Current Sense Resistor** (Shunt Resistor). These components are critical in power management systems for measuring current flow with extreme accuracy.
---
## 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (like Isabellenhütte or similar precision resistor brands). Below are the typical electronic characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 10 mΩ (0.010 Ω) | The "R010" in the part number signifies 10 milliohms. |
| **Power Rating** | High Power (Approx. 3W - 7W) | Designed to handle significant current without burning out. |
| **Tolerance** | ±0.5% to ±1% | Ensures high precision in current measurement. |
| **Temperature Coefficient (TCR)** | < 30 ppm/K | Resistance remains stable even as the part heats up. |
| **Package / Type** | SMD (Surface Mount Device) | Designed for automated PCB assembly. |
---
## 2. Key Electronic Features
### A. Low Ohmic Value
The 10mΩ resistance is intentionally low to minimize "Insertion Loss." By keeping resistance low, the component prevents a significant voltage drop across itself, ensuring the load receives maximum power.
### B. Kelvin Connection (4-Terminal) Capability
Parts in this series often utilize or support a **4-terminal (Kelvin) sensing** layout.
* Two terminals carry the main high current.
* Two separate terminals measure the voltage drop.
* **Benefit:** This eliminates the resistance of the PCB traces/solder from the measurement, ensuring only the resistor's value is sensed.
### C. Thermal Stability
The "H" in the prefix often denotes a high-temperature or high-stability version. This part is engineered to maintain its 10mΩ value even under fluctuating thermal loads, which is essential for battery management systems (BMS).
---
## 3. Common Applications
This part is commonly found in circuits where monitoring power consumption or protecting against overcurrent is required:
1. **Battery Management Systems (BMS):** Monitoring the charge and discharge cycles of Li-ion batteries.
2. **Motor Control:** Sensing the phase current to control the speed and torque of electric motors.
3. **DC-DC Converters:** Providing feedback loops for voltage regulation.
4. **Automotive Electronics:** Used in Electric Vehicle (EV) power modules for current sensing.
---
## 4. Measurement Logic (Ohm's Law)
The electronic function of this part relies on the formula:
`V = I × R`
If the resistor is **10 mΩ (0.010 Ω)** and you measure a voltage drop of **10mV (0.010V)** across it, the electronic system knows that **1 Ampere** of current is flowing through the circuit.
- ⤷
What is the maximum current capacity for the FPM4182H-R010DAR?
- ⤷ How does a 4-terminal Kelvin connection improve accuracy in this resistor?
- ⤷ What are the equivalent alternative parts for this specific shunt resistor?