AI

The **FPM4184H-R010DAQ** is a high-performance fingerprint sensor module commonly used in biometric security applications. It is part of the capacitive sensing family, designed for integration into mobile devices, smart locks, and attendance systems.
---
### 1. Key Technical Specifications
The electronic components of this module revolve around its high-resolution capacitive sensing array and its processing interface.
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Capacitive Fingerprint Sensor |
| **Resolution** | 508 DPI (Dots Per Inch) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Voltage Supply** | 3.3V (Typical) |
| **Active Area** | Approx. 8.0 x 8.0 mm |
| **ESD Protection** | Up to ±15kV |
---
### 2. Electronic Component Breakdown
The module consists of several critical electronic sub-systems:
#### A. Capacitive Sensing Array
The surface of the sensor contains thousands of micro-capacitors. When a finger touches the surface, the ridges and valleys of the fingerprint change the capacitance at each pixel differently. The IC then converts these analog changes into a digital map.
#### B. The Controller IC (Integrated Circuit)
This is the "brain" of the module. It handles:
* **A/D Conversion:** Converts the analog signal from the capacitors into digital gray-scale data.
* **Image Pre-processing:** Enhances the contrast of the fingerprint image.
* **Power Management:** Manages deep-sleep modes to conserve battery in portable devices.
#### C. Interface Pins (SPI)
The module communicates with a host microcontroller (MCU) via a 4-wire SPI bus.
1. **MOSI/MISO:** Master Out Slave In / Master In Slave Out for data transfer.
2. **SCK:** Serial Clock.
3. **CS:** Chip Select.
4. **IRQ:** Interrupt Request pin, used to "wake up" the host MCU when a finger is detected.
---
### 3. Circuit Integration Example
When designing a PCB for this part, the following connections are standard:
```cpp
// Pseudocode for SPI Initialization
void setup() {
SPI.begin();
pinMode(FPM_CS_PIN, OUTPUT);
pinMode(FPM_IRQ_PIN, INPUT);
// Reset the sensor
digitalWrite(FPM_RESET_PIN, LOW);
delay(10);
digitalWrite(FPM_RESET_PIN, HIGH);
}
```
---
### 4. Implementation Considerations
* **ESD (Electrostatic Discharge):** Because the sensor is touched by users, the FPM4184H includes built-in ESD protection, but external TVS diodes are often recommended on the data lines.
* **Coating:** The "R010" variant usually refers to a specific protective coating (like matte or glass) that protects the electronic array from sweat, oils, and physical scratches.
- ⤷
What is the pinout diagram for the FPM4184H series?
- ⤷ Does this sensor support hardware-level encryption for fingerprint templates?
- ⤷ What is the typical current consumption in deep-sleep mode?