AI

## Overview of FR02FR10P-R
The **FR02FR10P-R** is a high-quality, subminiature rotary coded switch manufactured by **NKK Switches**. It belongs to the **FR02 series**, which is characterized by its compact size and surface-mount (SMD) design, making it ideal for high-density circuit boards.
---
### Technical Specifications
The following table outlines the primary electrical and mechanical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Rotary Coded Switch |
| **Output Code** | Binary Coded Decimal (BCD) |
| **Number of Positions** | 10 Positions (0-9) |
| **Mounting Type** | Surface Mount (SMD / Gull-wing) |
| **Actuator Style** | Screwdriver Slotted (Flat) |
| **Voltage Rating** | 5V DC (Switching) / 50V DC (Non-switching) |
| **Current Rating** | 100mA (Switching) / 100mA (Non-switching) |
| **Terminal Pitch** | 2.54mm (0.100") |
| **Operating Temp** | -25°C to +85°C |
---
### Key Features and Construction
1. **Compact Dimensions**: Measuring approximately 10mm x 10mm, it is designed to save board space.
2. **Highly Visible Legends**: The dial features high-contrast printed numbers for easy identification of the current setting.
3. **Gold-Plated Contacts**: The internal contacts are gold-plated to ensure high reliability, prevent oxidation, and provide low contact resistance.
4. **Heat Resistant Resin**: The housing is made of heat-resistant glass-fiber reinforced polyamide, allowing it to withstand infrared (IR) reflow soldering processes.
5. **Washable Construction**: It is designed with a boot-sealed construction (IP65 rated equivalent) that allows for automated soldering and cleaning processes.
---
### Terminal Configuration (Logic Table)
As a BCD (Binary Coded Decimal) switch, the device has 4 output pins (representing bits 1, 2, 4, and 8) and a common pin (C). The connection logic is as follows:
| Position | C to 1 | C to 2 | C to 4 | C to 8 |
| :---: | :---: | :---: | :---: | :---: |
| **0** | | | | |
| **1** | ● | | | |
| **2** | | ● | | |
| **3** | ● | ● | | |
| **4** | | | ● | |
| **5** | ● | | ● | |
| **6** | | ● | ● | |
| **7** | ● | ● | ● | |
| **8** | | | | ● |
| **9** | ● | | | ● |
*(● indicates a closed electrical circuit between Common and the numbered terminal)*
---
### Common Applications
* **Address Setting**: Configuring ID numbers for devices on a network (e.g., RS-485 or CAN bus).
* **Mode Selection**: Switching between different operational modes in industrial controllers.
* **PCB Prototyping**: Allowing manual configuration of hardware parameters without needing a software interface.
* **Security Systems**: Setting manual codes for control panels.
- ⤷
What is the difference between BCD and Hexadecimal versions of this switch?
- ⤷ Can this switch be used in manual through-hole soldering?
- ⤷ What are the recommended reflow soldering profiles for the FR02 series?