Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FRN-R-25

  • AI
    ## Technical Overview of FRN-R-25 The **FRN-R-25** is a high-performance, industry-standard **Class RK5 time-delay fuse**. It is widely used in electrical systems to protect circuits from overcurrent and short circuits. --- ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Current Rating** | 25 Amperes | | **Voltage Rating (AC)** | 250 Volts | | **Voltage Rating (DC)** | 125 Volts | | **Interrupting Rating** | 200,000 Amps (RMS Symmetrical) | | **Fuse Class** | Class RK5 | | **Body Material** | Fiberglass or Melamine | | **Visual Indicator** | Non-Indicating (standard) | --- ### 2. Functional Characteristics #### Time-Delay Property Unlike "fast-acting" fuses, the FRN-R-25 is designed with a **time-delay** feature. This allows the fuse to withstand temporary surges of current (such as when a motor starts up) without blowing, while still providing protection against sustained overloads and short circuits. #### Dual-Element Construction This fuse typically employs a **dual-element** design: 1. **Thermal Element:** Handles low-level overloads. It triggers when a specific temperature is reached over a period of time. 2. **Instantaneous Magnetic/Short-Circuit Element:** Operates rapidly when a massive current spike (short circuit) occurs to prevent equipment damage or fire. --- ### 3. Physical Dimensions (Standard RK5 25A) * **Diameter:** 0.56 inches (14.2 mm) * **Length:** 2.00 inches (50.8 mm) * **Terminal Type:** Ferrule (Cylindrical end caps) --- ### 4. Common Applications * **Motor Branch Circuits:** Essential for protecting motors that have high "inrush" currents during startup. * **Transformers:** Used to protect the primary and secondary sides of distribution transformers. * **General Purpose:** Suitable for lighting, heating, and other general-purpose circuits where high-interrupting capacity is required. --- ### 5. Safety and Compatibility The **"R"** in the part number signifies that this is a **Rejection-style fuse**. It features a physical groove in the end cap that, when used with a specific fuse holder, prevents the installation of a lower-rated fuse (like a Class H fuse) which has a lower interrupting capacity.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Class RK5 and a Class RK1 fuse?
    • ⤷Can an FRN-R-25 be used in a 480V circuit?
    • ⤷How do I test if an FRN-R-25 fuse is blown using a multimeter?