Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FRN-R-8

  • AI
    The **FRN-R-8** is a specific model of power fuse commonly used in industrial and commercial electrical systems. It belongs to the **Fusetron™** series manufactured by Eaton (Bussmann Division). Below is a detailed breakdown of its electronic specifications and characteristics. --- ## 1. Technical Specifications The model name "FRN-R-8" follows a specific nomenclature that defines its electronic limits. | Feature | Specification | Details | | :--- | :--- | :--- | | **Current Rating** | 8 Amperes | The continuous current it can carry without blowing. | | **Voltage Rating (AC)** | 250 Volts | Maximum AC voltage it can safely interrupt. | | **Voltage Rating (DC)** | 125 Volts | Maximum DC voltage rating. | | **Interrupting Rating** | 200,000A (RMS Sym) | The maximum fault current the fuse can safely clear. | | **Fuse Class** | Class RK5 | National Electrical Code (NEC) standard for dimensions and performance. | | **Time Response** | Dual-Element Time-Delay | Allows temporary surges (like motor starts) without blowing. | --- ## 2. Key Electronic Components & Design The FRN-R-8 is not a simple wire; it is a **Dual-Element** fuse, meaning it contains two distinct parts working in tandem: ### A. The Thermal Cutout (Low Overload Protection) * **Function:** Handles sustained overloads (e.g., a motor pulling 10A instead of 8A for a long period). * **Mechanism:** Uses a spring-loaded trigger and a specific solder alloy. If the temperature rises due to a modest but prolonged overload, the solder melts, and the spring pulls the circuit open. ### B. The Short-Circuit Element (High Current Protection) * **Function:** Reacts instantly to massive faults (short circuits). * **Mechanism:** A notched copper or silver-plated link designed to vaporize instantly when current spikes to dangerous levels (e.g., thousands of amps). --- ## 3. Physical Characteristics * **Body Material:** Typically a high-grade fiber tube or ceramic to withstand high internal pressures during a fault. * **Rejection Feature:** The "R" in FRN-R indicates it has a **rejection groove** in the end cap. This prevents the installation of a fuse with a lower interrupting rating into the same fuse block, ensuring system safety. --- ## 4. Typical Applications Because of its **Time-Delay** characteristic, the FRN-R-8 is primarily used for: 1. **Motor Branch Circuits:** Motors draw high "inrush" current when starting. This fuse won't blow during that 1-2 second spike but will still protect the motor from burning out during a long-term overload. 2. **Transformers:** Protects against primary side surges. 3. **General Feeders:** Used in mains and branch circuit distribution where high-interrupting capacity is required.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK5 and an RK1 fuse?
    • ⤷ Can I use an FRN-R-8 fuse in a DC circuit higher than 125V?
    • ⤷ How do I test if an FRN-R-8 fuse is blown using a multimeter?