Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FRS-02-R

  • AI
    The **FRS-02-R** typically refers to a specific model of **Flame Sensor** (often used in industrial burners or furnace control systems). These devices are critical for safety, as they detect the presence of a flame to prevent the accumulation of unburned fuel, which could lead to explosions. Below is a breakdown of the electronic components and technical specifications associated with this type of device. --- ### 1. Technical Specifications The FRS-02-R is generally characterized by the following parameters: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 110V / 220V AC (Model dependent) | | **Detection Method** | Ionization (Flame Rod) | | **Output Type** | Relay Contact (SPDT) | | **Response Time** | < 1 Second | | **Mounting** | DIN Rail or Panel Mount | | **Indication** | LED (Power and Flame Status) | --- ### 2. Core Electronic Parts and Their Functions #### A. Flame Detection Circuit (Ionization) The FRS-02-R uses the **Flame Ionization** principle. * **The Science:** Fire is conductive. The device applies a high-voltage AC signal to a flame rod. When a flame is present, the gas becomes ionized, allowing a small DC current to flow (rectification). * **Electronic Component:** High-impedance amplifier circuits that can detect micro-ampere ($\mu A$) level signals. #### B. Signal Processing Unit * **Comparator/Microcontroller:** Compares the input signal from the flame rod against a reference threshold. * **Filtering Capacitors:** Used to smooth the signal and prevent "false trips" caused by electrical noise or flickering flames. #### C. Output Relay * **Electromagnetic Relay:** This is the "R" in the model name (Relay output). * **Function:** Once a flame is confirmed, the relay energizes to close a circuit, allowing the main gas valve to stay open. If the flame fails, the relay drops out immediately. #### D. Power Supply Section * **Step-down Transformer/Rectifier:** Converts the mains AC voltage (110/220V) to stable low-voltage DC (typically 12V or 24V) to power the internal logic and the relay coil. --- ### 3. Wiring Configuration Typical terminal layouts for these sensors include: 1. **Power Terminals:** L (Line) and N (Neutral). 2. **Flame Rod Terminal:** Connects to the electrode in the combustion chamber. 3. **Ground (GND):** Essential for the ionization return path. 4. **Relay Terminals:** COM (Common), NO (Normally Open), and NC (Normally Closed). --- ### 4. Application Safety > **Warning:** Because the FRS-02-R is a safety device, any internal electronic failure (like a shorted capacitor) is designed to trigger a "Fail-Safe" mode, cutting power to the fuel source.
    ✨ Follow-up Questions
    • ⤷ How do you test if the FRS-02-R relay is functioning correctly?
    • ⤷ What is the difference between an ionization sensor and a UV flame detector?
    • ⤷ What are the common causes of a 'No Flame' signal on this device?