Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FRT-5G-R

  • AI
    The **FRT-5G-R** is an industrial-grade 5G router typically used in IoT (Internet of Things) and M2M (Machine to Machine) applications. It is designed to provide high-speed wireless data transmission by leveraging Sub-6GHz 5G networks. Below is an explanation of its core electronic components and technical specifications. --- ### 1. Core Hardware Components The internal architecture of the FRT-5G-R is built around high-performance processing and cellular communication modules. | Component | Description | | :--- | :--- | | **5G Modem / Module** | The heart of the device, supporting 5G NR (NSA/SA) and backward compatibility with 4G LTE. | | **CPU / Processor** | An ARM-based industrial processor responsible for routing, firewall management, and VPN encryption. | | **RAM & Flash** | High-speed memory for OS operations and flash storage for firmware and configuration files. | | **SIM Slots** | Usually features dual SIM slots for failover and carrier redundancy. | --- ### 2. Physical Interface & Connectivity The device features ruggedized physical ports to ensure connectivity in harsh industrial environments. * **Ethernet Ports:** Typically includes 10/100/1000 Mbps RJ45 ports for LAN and WAN connections. * **Serial Ports:** RS232 and RS485 interfaces for connecting legacy industrial equipment (PLCs, sensors). * **Antenna Terminals:** SMA female connectors for 5G/4G antennas (MIMO support) and GPS/GNSS. * **Power Input:** Wide voltage DC input (usually 9V to 36V) with terminal block connectors for stability. --- ### 3. Electronic Specifications | Feature | Specification | | :--- | :--- | | **Network Support** | 5G NR, LTE-FDD, LTE-TDD, HSPA+ | | **5G Throughput** | DL up to 2.0+ Gbps / UL up to 500+ Mbps (depending on module) | | **Operating Temp** | -30°C to +75°C (Industrial Grade) | | **Enclosure** | Rugged metal casing for heat dissipation and EMI shielding | | **Protocols** | MQTT, Modbus TCP/RTU, VPN (IPsec/OpenVPN), DHCP | --- ### 4. Safety and Protection Circuits The electronics include several layers of protection to ensure long-term reliability: 1. **ESD Protection:** Protects the Ethernet and Serial ports from static electricity. 2. **Surge Protection:** Guards the power supply and antenna inputs against voltage spikes. 3. **Watchdog Timer:** A hardware circuit that automatically reboots the router if the system freezes or the connection drops. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific 5G frequency bands supported by the FRT-5G-R?
    • ⤷ How do I configure the RS485 port for Modbus communication on this device?
    • ⤷ Does the FRT-5G-R support Wi-Fi 6 as a local access point?