AI

The **FRT-64-R** is an ultra-miniature, polarized SMT (Surface Mount Technology) signal relay manufactured by **NEC/TOKIN** (now part of KEMET). It is widely used in telecommunications, medical equipment, and security systems due to its small footprint and high reliability.
---
## 1. Key Technical Specifications
The "FRT-64-R" designation refers to a specific configuration within the FRT series. Below are the primary electronic characteristics:
| Parameter | Specification |
|:---|:---|
| **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) |
| **Coil Voltage** | Typically 4.5V or 5V DC (Check specific prefix) |
| **Max Switching Power** | 30W / 62.5VA |
| **Max Switching Voltage** | 220V DC / 250V AC |
| **Max Switching Current** | 1A |
| **Rated Carrying Current** | 2A |
| **Coil Power Consumption** | ~140mW (Standard) |
| **Package Style** | SMT (Surface Mount) with "R" type lead |
---
## 2. Internal Electronic Structure
### Contact Mechanism
The device uses a **twin crossbar contact** system. This design provides high contact reliability even at low signal levels (dry circuits), as it offers multiple points of contact to reduce resistance and bypass surface oxidation.
### Polarization
The "FRT" series is **polarized**. It utilizes a permanent magnet in conjunction with the electromagnet.
* **Benefit:** This increases sensitivity and allows for a smaller coil.
* **Constraint:** You must observe the correct polarity (+/-) on the coil pins for the relay to actuate.
### Lead Shape (The "R" Suffix)
In the NEC/TOKIN nomenclature, the **"R"** suffix typically denotes the lead terminal shape and packaging:
* **R-bend:** This is a specific surface-mount terminal shape designed for optimal solder fillet formation on PCBs.
* **Tape & Reel:** Parts ending in -R are often supplied in embossed tape packaging for automated pick-and-place machines.
---
## 3. Application Use-Cases
Because of its electronic precision, the FRT-64-R is found in:
1. **Telecommunications:** Switching line signals in PABX or modems.
2. **Measurement Equipment:** Signal routing in oscilloscopes or multimeters where low thermal EMF is required.
3. **Medical Electronics:** Low-power switching in patient monitoring devices.
4. **Handheld Devices:** Its low profile (approx. 5.2mm height) makes it ideal for dense PCB layouts.
---
## 4. Typical Connection Diagram (Simple Example)
When integrating the FRT-64-R, a flyback diode is essential to protect driving transistors from inductive spikes.
```python
# Electronic logic representation
# Pin 1: Coil (+)
# Pin 8: Coil (-)
# Pins 2, 3, 4: Set 1 (Common, NC, NO)
# Pins 7, 6, 5: Set 2 (Common, NC, NO)
[MCU_Signal] -> [Transistor_Base] -> [Relay_Coil_Pin_8]
[VCC_5V] -> [Relay_Coil_Pin_1]
# Note: Place a 1N4148 diode across Pin 1 and Pin 8
```
- ⤷
What is the difference between the FRT-64-R and the through-hole (DIP) version?
- ⤷ What is the specific coil resistance for the 5V model of this relay?
- ⤷ Can this relay be used for switching high-power AC loads like motors?