AI

The **FRT-65-R** refers to a specific series of **Rotary Dampers** produced by manufacturers like *Fuji Latex*. These are mechanical components often classified under "motion control electronics" because they are frequently integrated into electronic devices to provide smooth, controlled opening and closing motions.
---
### 1. Technical Specifications
The "FRT-65" series uses high-viscosity silicone oil to generate torque through fluid resistance.
| Feature | Specification Details |
| :--- | :--- |
| **Model Type** | Rotary Damper (Continuous Rotation) |
| **Torque Range** | 2.0 to 4.0 mN·m (depending on specific sub-model) |
| **Damping Direction** | Both directions (Bi-directional) |
| **Material** | Polycarbonate (Body), Polyacetal (Gear/Rotor) |
| **Fluid Type** | Silicone Oil |
| **Operating Temp** | 0°C to 50°C |
---
### 2. Internal Electronic/Mechanical Components
While the device is primarily mechanical, its "electronic parts" context refers to its role in an electromechanical assembly:
1. **The Rotor (Gear):** The external interface (usually a gear) that connects to the moving part of the electronic device (e.g., a CD tray or a flip-up screen).
2. **Silicone Oil Chamber:** The core of the component. The viscosity of the oil determines the "damping" effect. In electronic applications, this ensures that spring-loaded parts do not snap open violently, protecting sensitive sensors and circuits.
3. **The O-Ring:** A critical seal that prevents silicone oil leakage onto the PCB or internal electronic circuitry.
4. **Housing:** Usually made of plastic with high insulation properties to ensure no interference if mounted near electronic components.
---
### 3. Common Applications in Electronics
The FRT-65-R is widely used in the consumer electronics industry for "Soft-Close" or "Soft-Open" mechanics:
* **Audio/Visual Equipment:** Slow-opening doors for CD/DVD players and cassette decks.
* **Computing:** Retractable cup holders, hidden port covers, or pop-up camera mechanisms.
* **Household Electronics:** Control panels on washing machines or slow-closing lids on high-end coffee makers.
* **Automotive Electronics:** Damping for glove boxes, ashtrays, and center console storage compartments.
---
### 4. Integration Considerations
When designing this into an electronic system, engineers must account for:
* **Torque Decay:** The resistance decreases as the temperature rises (oil becomes less viscous).
* **Gear Pitch:** The FRT-65-R usually features a specific module gear (e.g., 0.5 or 0.6 module) that must match the driving rack or gear in the device.
---
- ⤷
What is the difference between the FRT and FFD series dampers?
- ⤷ How do you calculate the required torque for a specific electronic lid?
- ⤷ Does the FRT-65-R come in a one-way damping version?