FRTS-4F-R
AI

The **FRTS-4F-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch) used in various electronic control interfaces. Below is a detailed breakdown of its technical characteristics and internal parts.
---
### 1. General Specifications
The FRTS-4F-R belongs to a category of surface-mount or through-hole switches designed for low-power signaling.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Tactile Switch |
| **Circuit Configuration** | SPST (Single Pole Single Throw) |
| **Switch Function** | Momentary (Normally Open) |
| **Mounting Type** | Usually SMT (Surface Mount Technology) |
| **Operating Force** | Typically 160gf to 250gf (grams-force) |
---
### 2. Internal Electronic & Mechanical Parts
A tactile switch like the FRTS-4F-R consists of four primary internal components that work together to complete an electrical circuit:
1. **The Cover (Shield):**
* Usually made of stainless steel or nickel-plated brass.
* Protects the internal mechanism and provides a structural anchor for the solder terminals.
2. **The Actuator (Stem):**
* The physical button that the user presses.
* In the "4F" series, this is often a flat or slightly raised plunger made of heat-resistant plastic (like LCP or Nylon).
3. **The Contact Dome (The "Snap" Element):**
* A circular or cross-shaped piece of spring metal.
* **Function:** When pressed, it collapses (providing tactile feedback) and connects the stationary contacts. When released, it springs back to break the circuit.
4. **The Base (Housing):**
* A molded plastic resin base that holds the stationary terminals in place.
5. **Terminals:**
* Silver-plated or gold-plated copper alloy pins that are soldered to the PCB.
---
### 3. Electrical Characteristics
These parts are designed for signal-level currents, not for driving heavy loads directly.
* **Contact Rating:** Typically 50mA at 12V DC.
* **Contact Resistance:** Usually < 100mΩ.
* **Insulation Resistance:** 100MΩ minimum at 100V DC.
* **Dielectric Strength:** 250V AC for 1 minute.
---
### 4. Applications
Because of its small footprint and reliable tactile "click," the FRTS-4F-R is commonly found in:
* **Consumer Electronics:** Remote controls, cameras, and audio equipment.
* **Computing:** Keyboards, reset buttons on motherboards.
* **Industrial:** Interface panels and PLC controllers.
- ⤷
What is the footprint size (dimensions) of the FRTS-4F-R?
- ⤷ Does this switch come in different operating force variations?
- ⤷ Is the FRTS-4F-R rated for water or dust resistance (IP rating)?