FSMD050-30-R
AI

## FSMD050-30-R: Electronic Component Overview
The **FSMD050-30-R** is a Surface Mount Device (SMD) **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse. It is commonly used for overcurrent protection in electronic circuits. Unlike traditional fuses that blow and must be replaced, a PPTC "trips" into a high-resistance state and resets once the fault is removed and the power is cycled.
---
### 1. Key Technical Specifications
The following table outlines the critical electrical characteristics of the FSMD050-30-R:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Hold Current ($I_{hold}$)** | 0.50 A | The maximum current the device will pass without tripping at 23°C. |
| **Trip Current ($I_{trip}$)** | 1.00 A | The minimum current at which the device will switch to high resistance. |
| **Max Voltage ($V_{max}$)** | 30 V | The maximum voltage the device can withstand without damage. |
| **Max Current ($I_{max}$)** | 100 A | The maximum fault current the device can safely interrupt. |
| **Typical Power ($P_d$)** | 0.9 W | Power dissipated when the device is in its tripped state. |
| **Package Size** | 1210 (EIA) | Physical dimensions: 3.2 x 2.5 mm. |
| **Termination** | RoHS Compliant | Lead-free finish, suitable for SMT reflow soldering. |
---
### 2. Physical and Operational Characteristics
#### How it Works
1. **Normal State:** The conductive polymer is in a crystalline state, allowing electrons to flow easily through carbon chains (Low Resistance).
2. **Fault State (Overcurrent):** Excessive current generates heat ($I^2R$). The polymer expands and becomes amorphous, breaking the carbon chains (High Resistance).
3. **Reset State:** Once the fault is cleared and the temperature drops, the polymer re-crystallizes, restoring the conductive paths.
#### Package Construction
* **Form Factor:** 1210 Surface Mount.
* **Material:** Conductive polymer mixed with carbon black, sandwiched between two metal electrodes.
* **Marking:** Usually marked with "050" to denote the 0.5A hold current.
---
### 3. Common Applications
Due to its 30V rating and 0.5A hold current, this part is ideal for:
* **USB Port Protection:** Protecting against shorts in peripheral devices.
* **HDMI/DisplayPort:** Signal line protection.
* **Motherboards:** Protecting low-voltage logic circuits.
* **Battery Packs:** Preventing overcurrent during charging or discharging.
* **Automotive Electronics:** Interior lighting or infotainment sensors.
---
### 4. Circuit Protection Comparison
| Feature | FSMD050-30-R (PPTC) | Standard Glass Fuse |
| :--- | :--- | :--- |
| **Resetability** | Resettable multiple times | Single-use (Must be replaced) |
| **Resistance** | Higher initial resistance | Lower resistance |
| **Response Time** | Relatively slow (thermal) | Very fast (melting) |
| **Space Efficiency** | High (SMD 1210) | Low (requires holder or clips) |
- ⤷
How does the ambient temperature affect the hold current of the FSMD050-30-R?
- ⤷
What is the typical 'Time to Trip' for this device at 2.5A?
- ⤷
Can this fuse be used in AC power applications?