Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FT231XQ-R

  • AI
    ## Overview of the FT231XQ-R The **FT231XQ-R** is a popular USB-to-Full-Handshake UART interface chip developed by Future Technology Devices International (FTDI). It belongs to the FT-X series, designed to reduce component count and PCB space by integrating many functions that previously required external components. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Interface** | USB 2.0 Full Speed (12Mbps) | | **UART Data Rates** | 300 baud to 3 Mbaud | | **Package** | 20-pin QFN (3mm x 3mm) | | **Supply Voltage** | 3.3V to 5.25V | | **I/O Voltage** | 1.8V to 3.3V (VCCIO) | | **Internal Memory** | 2048 Byte MTP Memory | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Functional Blocks The FT231XQ-R integrates several critical electronic sections into a single silicon die: * **Integrated Clock Circuit:** Unlike older chips, it does not require an external crystal or resonator. It uses an internal clock generation system. * **Internal MTP Memory:** It contains Multi-Time Programmable (MTP) memory for storing USB Vendor ID (VID), Product ID (PID), and device description strings. * **Voltage Regulator:** Includes a 3.3V LDO regulator to power the internal logic and provide a reference for the USB transceiver. * **USB Transceiver:** Integrated physical layer (PHY) that handles the differential signaling (D+/D-) for USB communication. * **UART Interface:** Supports hardware flow control (RTS/CTS, DTR/DSR) and various data formats (7 or 8 data bits, 1 or 2 stop bits). --- ### 3. Pin Configuration Categories The 20-pin QFN package distributes functions as follows: 1. **Power & Ground:** * `VCC`: Main power input. * `VCCIO`: Input for setting the logic level of the UART pins (allows 1.8V, 2.5V, or 3.3V logic). * `3V3OUT`: Output from the internal regulator. * `GND`: Ground connection (including the center thermal pad). 2. **USB Interface:** * `USBDP / USBDM`: The D+ and D- differential pair. 3. **UART Interface:** * `TXD / RXD`: Transmit and Receive data. * `RTS# / CTS# / DTR# / DSR# / DCD# / RI#`: Full modem handshake control signals. 4. **CBUS Pins:** * `CBUS0 to CBUS3`: Configurable I/O pins that can be programmed for functions like LED drive (TX/RX indicators), Clock Out, or BCD (Battery Charger Detection). --- ### 4. Implementation Example (Basic Hookup) To use the FT231XQ-R in a design, the following minimal circuit is typically required: ```mermaid graph LR USB_Connector -- D+/D- --> FT231XQ-R FT231XQ-R -- TXD/RXD --> Microcontroller FT231XQ-R -- CBUS --> Status_LEDs Power_Source -- 5V --> FT231XQ-R_VCC ``` --- ### 5. Unique Features: Battery Charger Detection (BCD) One of the standout electronic features of the FT231X series is the ability to detect the presence of a USB charging port. It can signal to the rest of the system (via CBUS pins) whether it is connected to a standard PC USB port or a high-current dedicated charging port, allowing for optimized power management.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the FT231X and the FT232R?
    • ⤷ How do I program the internal MTP memory for a custom VID/PID?
    • ⤷ Can the FT231XQ-R be used for bit-banging I/O?