Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FT933Q-R

  • AI
    ## Overview of the FT933Q-R The **FT933Q-R** is a high-performance 32-bit Microcontroller Unit (MCU) developed by Bridgetek (formerly part of FTDI Chip). It is part of the FT93x series, designed specifically for high-speed connectivity and bridging applications, particularly where USB to multi-interface conversion is required. --- ### Key Technical Specifications The following table summarizes the primary electronic characteristics of the FT933Q-R: | Feature | Specification | | :--- | :--- | | **Core** | 32-bit proprietary RISC (FT32) | | **Max Frequency** | 100 MHz | | **Flash Memory** | 64 KB | | **SRAM** | 32 KB (Data) + 64 KB (Shadow) | | **Operating Voltage** | 3.3V (I/O) / 1.2V (Core via internal regulator) | | **USB Interface** | USB 2.0 High Speed (480Mbps) Device | | **Package** | 48-pin QFN | | **Operating Temp** | -40°C to +85°C | --- ### Core Electronic Components & Features 1. **High-Speed USB 2.0 Engine:** Unlike standard microcontrollers that only support Full Speed (12Mbps), the FT933Q-R includes a dedicated High-Speed (480Mbps) controller, making it ideal for data-intensive peripherals. 2. **Flexible Peripheral Set:** * **SPI:** Supports Master/Slave modes with high data rates. * **I2C:** Supports standard, fast, and high-speed modes. * **UART:** Multiple UART interfaces for serial communication. * **PWM:** Integrated channels for motor control or LED dimming. * **ADC/DAC:** 10-bit Analog-to-Digital and Digital-to-Analog converters for sensor interfacing. 3. **Zero Wait State Execution:** The architecture is designed to execute instructions from "Shadow RAM." At startup, code is copied from Flash to Shadow RAM, allowing the MCU to achieve 3.10 DMIPS/MHz performance without bottlenecks. 4. **Power Management:** It features an integrated 1.2V LDO regulator, reducing the need for external power components. It also supports various low-power modes for battery-operated devices. --- ### Typical Application Diagram In an electronic circuit, the FT933Q-R usually acts as the central bridge between a PC and industrial hardware: ```text [PC Host] <--- USB 2.0 (480Mbps) ---> [FT933Q-R] <--- SPI/I2C/UART ---> [Sensors/Displays/Actuators] ``` --- ### Pin Configuration Summary The 48-pin QFN package includes: * **VCC33/VCC12:** Power supply pins. * **DM/DP:** USB differential pair signals. * **RESETN:** Active-low reset pin. * **GPIO:** Multi-functional pins that can be mapped to UART, SPI, or PWM via software configuration.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the FT933Q and the FT900 series?
    • ⤷ Can the FT933Q-R function as a USB Host
    • ⤷ or only as a Device?
    • ⤷ Which development tools or IDEs are recommended for programming the FT93x series?