FTS-1B-R
AI

The **FTS-1B-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Low Profile Terminal Strip**, manufactured by Samtec. It is part of the FTS series, designed for high-density, board-to-board interconnect applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Pitch** | 1.27 mm (0.050") |
| **Number of Rows** | 2 Rows (Dual Row) |
| **Mounting Type** | Surface Mount (SMT) |
| **Contact Material** | Phosphor Bronze |
| **Plating** | Tin or Gold options (standard "R" suffix often denotes specific packaging or RoHS compliance) |
| **Operating Temp** | -55°C to +125°C |
---
### 2. Physical Design and Dimensions
The "FTS" series is known for its **micro pitch** and **low profile** design. This makes it ideal for compact electronic assemblies where vertical space is limited.
* **Lead Style:** The "1" in the part number usually refers to the specific pin length/lead style.
* **Body Orientation:** Vertical (the pins stand straight up from the PCB).
* **Insulator Material:** Black Liquid Crystal Polymer (LCP), which is capable of withstanding high-heat reflow soldering processes.
---
### 3. Suffix Breakdown: "-B-R"
In the Samtec nomenclature, suffixes provide specific details about options:
* **-B (Shrouded/Blind Mate):** Often indicates a specific molding feature or a "Bottom" entry/shroud configuration to help with alignment or protection.
* **-R (Tape & Reel Packaging):** This is critical for automated assembly. It indicates the parts are delivered on a reel with a pocket tape, allowing "Pick and Place" machines to populate the PCB quickly.
---
### 4. Common Applications
Due to its 1.27mm pitch, the FTS-1B-R is used in:
1. **Industrial Controls:** Connecting sensor boards to main logic boards.
2. **Telecommunications:** High-density routing in routers or switches.
3. **Consumer Electronics:** Internal connections in handheld devices or laptops.
4. **Medical Imaging:** Where signal integrity and space-saving are paramount.
---
### 5. Mating Parts
The FTS series typically mates with the following Samtec socket series:
* **CLP Series:** Low profile reliable Tiger Claw™ contacts.
* **FLE Series:** Cost-effective multi-finger contacts.
- ⤷
What is the maximum current rating per pin for the FTS series?
- ⤷ How does the '1B' lead style affect the stack height of the PCB?
- ⤷ Are there through-hole alternatives to the FTS-1B-R?