FTS-75-R
AI

Based on your inquiry, it appears you are referring to the **FTS-75-R**, which is a high-performance **Surface Mount (SMT) Low Pass Filter** manufactured by **Mini-Circuits**.
This component is specifically designed for RF (Radio Frequency) and microwave applications to allow signals below a certain frequency to pass while attenuating higher frequencies.
---
## Technical Specifications: FTS-75-R
The following table outlines the primary electronic characteristics of the FTS-75-R:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Passband** | DC to 75 MHz | Signal range with minimal loss. |
| **Insertion Loss** | < 1.0 dB | Power loss within the passband. |
| **Stopband (20dB)** | 102 MHz | Frequency where attenuation reaches 20dB. |
| **Stopband (40dB)** | 145 MHz | Frequency where attenuation reaches 40dB. |
| **Impedance** | 50 $\Omega$ | Standard RF system impedance. |
| **Max Input Power** | 0.5 Watts | Maximum RF power handling. |
| **Package Type** | MS-001 (SMT) | Surface mount technology for PCB assembly. |
---
## Key Electronic Features
### 1. Frequency Response
The "75" in the part number signifies the **Cut-off Frequency ($f_c$)**.
* **DC to 75 MHz:** Signals in this range pass through with very low resistance (Insertion Loss).
* **Rejection:** The filter is designed for sharp roll-off, meaning it quickly blocks noise and harmonics above 100 MHz.
### 2. VSWR (Voltage Standing Wave Ratio)
The FTS-75-R typically maintains a low VSWR in the passband (around 1.3:1). This indicates high impedance matching, ensuring that signal reflections are minimized, which protects upstream components like power amplifiers.
### 3. Construction and Reliability
* **Ruggedized Case:** Built to withstand harsh environments.
* **Hermeticity:** Often used in applications requiring high reliability against moisture and oxidation.
* **Operating Temperature:** Generally rated for **-55°C to +100°C**, making it suitable for military and industrial use.
---
## Typical Applications
1. **Harmonic Rejection:** Used after a signal generator or oscillator to remove unwanted harmonic frequencies.
2. **Transmitter/Receiver Front Ends:** Protecting sensitive electronics from high-frequency interference.
3. **Test Equipment:** Ensuring signal purity in laboratory measurements.
- ⤷
What is the exact physical footprint size for the MS-001 package?
- ⤷ How does the insertion loss change as the temperature approaches 100°C?
- ⤷ Are there alternative models with a higher cut-off frequency in this same series?