FUD-2D-R./Q
AI

## Electronic Components of FUD-2D-R/Q Series
The **FUD-2D-R** and **FUD-2D-Q** are high-precision industrial displacement sensors (commonly known as LVDT or Differential Transformer transmitters). These devices convert physical movement into standardized electrical signals.
Below is an overview of the internal and external electronic parts that constitute these units:
### 1. Core Internal Electronic Architecture
These parts are typically housed within the transmitter body (the rail-mounted or box-shaped unit) to process signals from the physical probe.
| Component | Function |
| :--- | :--- |
| **Oscillator Circuit** | Generates the AC carrier frequency required to excite the primary coil of the LVDT probe. |
| **Phase Sensitive Detector** | Converts the AC output from the secondary coils into a DC voltage, ensuring the direction of movement is identified. |
| **Operational Amplifiers** | Scale and offset the small millivolt signals to industry standards (e.g., 4-20mA or 0-10V). |
| **Zero/Span Potentiometers** | Precision resistors used for manual calibration of the start and end points of the measurement range. |
| **Isolation Transformer** | Ensures electrical isolation between the input power, probe signal, and output signal to prevent ground loops. |
---
### 2. External Interface & Connection Parts
These components facilitate the connection between the sensor and the control system (PLC/SCADA).
* **Terminal Blocks:** Screw-type terminals for wiring.
* **Power Input:** Usually 24V DC or 110/220V AC (depending on the specific sub-model).
* **Signal Output:** Terminals for the analog loop (e.g., Output +, Output -).
* **LED Indicators:** Typically a Power LED (Green) and sometimes an Error/Limit LED (Red) to indicate status.
* **LVDT Probe Connector:** A multi-pin connector (often DIN or M12 style) that links the electronic transmitter to the physical sensing head.
---
### 3. Specifications of the "R" and "Q" Variants
The suffix in the model name usually denotes the electronic output configuration:
| Model Suffix | Output Type | Common Application |
| :--- | :--- | :--- |
| **FUD-2D-R** | **Relay/Resistance** | Used for limit switching or triggering alarms when a certain displacement is reached. |
| **FUD-2D-Q** | **Analog DC Signal** | Continuous monitoring (4-20mA or 0-5V DC) for precision tracking of position. |
---
### 4. Key Electronic Features
* **Linearity Compensation:** Internal circuitry ensures that the relationship between physical movement and electrical output remains linear (typically <0.5% F.S.).
* **Noise Filtering:** Built-in capacitors and inductors to filter out electromagnetic interference (EMI) common in industrial environments.
* **Overload Protection:** Zener diodes or fuses to protect the electronics from voltage spikes.
---
- ⤷
What are the wiring diagrams for the FUD-2D-Q 4-20mA output?
- ⤷ How do I calibrate the Zero and Span settings on a FUD-2D transmitter?
- ⤷ Can these sensors be powered by 24V DC or is AC required?