Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FUD-33-R./Q

  • AI
    The **FUD-33-R/Q** is a high-performance **Digital Fiber Optic Sensor** (often referred to as a fiber amplifier) manufactured by companies like **TAKEX (Takenaka Sensor Group)**. It is designed to interface with plastic fiber optic cables to detect objects in industrial automation environments. --- ## 1. Technical Specifications The "R/Q" designation typically refers to specific output types or connector styles (e.g., Red LED source with a specific NPN/PNP configuration or M8 connector). | Feature | Specification | | :--- | :--- | | **Light Source** | Red LED (660nm) | | **Supply Voltage** | 12 to 24V DC (±10%) | | **Current Consumption** | 40mA or less | | **Response Time** | High speed: 250µs / Standard: 500µs | | **Output Type** | NPN or PNP Open Collector (depending on sub-model) | | **Operating Mode** | Light-ON / Dark-ON (Selectable) | | **Display** | 4-digit Dual Digital Display (Current value & Set value) | --- ## 2. Key Electronic Components & Internal Workings The FUD-33-R/Q consists of several sophisticated electronic stages: ### A. The Optical Engine * **Emitter:** A high-intensity Red LED. The "R" in the model name signifies the Red spectrum, which is ideal for general-purpose sensing and easy alignment. * **Receiver:** A photodiode with an integrated pre-amplifier to convert incoming light pulses into electrical signals. ### B. Microprocessor Control The "Digital" aspect of this sensor comes from an onboard **Microcontroller (MCU)**. This allows for: * **Threshold Management:** Users can digitally set the exact light intensity level required to trigger an output. * **Timer Functions:** Includes On-delay, Off-delay, and One-shot timer modes (usually 1ms to 5s). * **Auto-Tuning:** The MCU performs "Teaching" functions, automatically calculating the best sensitivity based on the environment. ### C. The Dual Display System Unlike older analog potentiometers, the FUD-33-R/Q uses a **dual LED display**: 1. **Red Display:** Shows the "Current Value" (actual amount of light being received). 2. **Green Display:** Shows the "Set Value" (the threshold at which the sensor triggers). --- ## 3. Wiring and Interface The sensor typically utilizes a 3-wire or 4-wire configuration: ```mermaid graph LR A[Brown: +V 12-24VDC] --- B[Power Input] C[Blue: 0V/GND] --- B D[Black: Control Output] --- E[Load/PLC Input] F[Pink: External Input] --- G[Remote Teach/Reset] ``` ### Protection Circuits The electronic output is reinforced with: * **Short-circuit protection:** Prevents damage if the output wire is accidentally grounded. * **Reverse polarity protection:** Prevents damage if the power leads are swapped. * **Interference suppression:** Logic that prevents mutual interference when multiple fiber amplifiers are mounted side-by-side on a DIN rail. --- ## 4. Application Use-Cases * **Small Object Detection:** Using needle-point fiber heads. * **High-Speed Counting:** Utilizing the 250µs response time for fast-moving assembly lines. * **Clear Object Detection:** Fine-tuning the digital threshold to detect glass or transparent plastics.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NPN and PNP output versions for the FUD-33 series?
    • ⤷ How do you perform a 'Two-Point Teach' on this digital fiber sensor?
    • ⤷ What are the compatible fiber optic cable types for the FUD-33-R/Q?