FUD-H2-R./Q
AI

The **FUD-H2-R/Q** is a high-performance, single-channel ultrasonic flow transmitter (or flow meter) typically used in industrial automation and liquid management systems. It is designed to measure the velocity of liquids through pipes using ultrasonic waves.
---
### 1. Core Electronic Components and Architecture
The device consists of several critical electronic modules that handle signal generation, processing, and output.
| Component | Description | Function |
| :--- | :--- | :--- |
| **Ultrasonic Transducer** | Piezoelectric ceramic elements. | Converts electrical pulses into ultrasonic waves and vice versa. |
| **Signal Processor (DSP)** | Digital Signal Processing chip. | Calculates the time difference ($\Delta t$) between upstream and downstream pulses. |
| **Output Interface** | Analog and Digital circuitry. | Provides 4-20mA current loops and RS-485 (Modbus) communication. |
| **LCD Display** | Backlit integrated screen. | Displays real-time flow rate, totalizer values, and error codes. |
| **Power Module** | Voltage regulators and filters. | Converts input power (typically 24V DC) into stable internal voltages. |
---
### 2. Technical Specifications
The "R/Q" designation often refers to specific output configurations or mounting styles within the series.
* **Measurement Method:** Ultrasonic Transit-time.
* **Operating Voltage:** 12–24V DC (typical for industrial sensors).
* **Analog Output:** 4–20mA (represents flow rate).
* **Digital Communication:** RS-485 (Modbus RTU protocol).
* **Frequency:** Usually operates in the MHz range for high-resolution timing.
---
### 3. Electronic Features
The FUD-H2 series is known for specific electronic protections and capabilities:
1. **Anti-Interference Circuitry:** Uses hardware filters to ignore electrical noise from nearby motors or pumps.
2. **High-Speed Sampling:** The electronic timing circuit measures time in nanoseconds, allowing for high accuracy even at low flow velocities.
3. **Non-Volatile Memory:** Stores configuration data and totalizer values so that data is not lost during a power failure.
4. **IP Protection:** The electronic housing is typically rated IP65 or higher to protect sensitive components from moisture and dust.
---
### 4. Wiring and Connection (Electronic Interface)
The back of the unit or the internal terminal block generally follows this electronic pinout:
```yaml
Terminal 1: V+ (24V DC Power)
Terminal 2: V- (0V / Ground)
Terminal 3: A+ (RS-485 Data Positive)
Terminal 4: B- (RS-485 Data Negative)
Terminal 5: I+ (4-20mA Signal Output)
Terminal 6: I- (Signal Ground)
```
- ⤷How do I calibrate the 4-20mA output on the FUD-H2?
- ⤷ What are the common error codes for ultrasonic flow meters?
- ⤷ Can the FUD-H2-R/Q be used for gases or only liquids?