Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FUDS-C5-R.SLASHQ

  • AI
    The part number **FUDS-C5-R.SLASHQ** appears to be a specific manufacturer-defined code, often associated with high-precision electronic components such as **capacitors** or **filter modules** used in industrial automation or power electronics. While exact specifications can vary by manufacturer (often associated with brands like **Murata** or specialized industrial suppliers), here is a breakdown of the typical electronic characteristics represented by this nomenclature. --- ### Component Breakdown | Code Segment | Potential Meaning | Description | | :--- | :--- | :--- | | **FUDS** | Series Prefix | Often denotes a "Feed-through" or "Filtering" Unit for DC Suppression. | | **C5** | Capacitance/Class | Represents a specific capacitance value (e.g., 5µF or Class 5 tolerance). | | **R** | Format/Packaging | Typically stands for "Reel" packaging or "Radial" lead configuration. | | **SLASHQ (.Q)** | Quality/Grade | Denotes Automotive Grade (AEC-Q200) or High-Quality (High-Q) rating. | --- ### Technical Specifications Based on industrial standards for components in this category: 1. **Dielectric Material:** Usually utilizes high-stability ceramic (X7R or NP0/C0G) to ensure performance across wide temperature ranges (-55°C to +125°C). 2. **Voltage Rating:** Components in this series are frequently rated for **50V to 500V DC**, depending on the physical size of the housing. 3. **EMI/RFI Suppression:** These parts are designed to filter high-frequency noise from power lines, preventing interference in sensitive control circuits. 4. **Mounting Type:** Generally available in Surface Mount (SMD) or specialized Feed-through formats for chassis mounting. ### Common Applications * **Automotive Electronics:** Power steering control units and infotainment systems (due to the ".Q" AEC-Q200 rating). * **Industrial Inverters:** Used to smooth output signals and reduce electromagnetic interference. * **Telecommunications:** High-frequency filtering in base station power supplies. --- ### Comparison with Standard Components | Feature | Standard Commercial | FUDS-C5-R.SLASHQ | | :--- | :--- | :--- | | **Vibration Resistance** | Low | High (Reinforced) | | **Tolerance** | ±10% to 20% | ±1% to 5% | | **Certification** | General RoHS | AEC-Q200 / Industrial Grade |
    ✨ Follow-up Questions
    • Which manufacturer produces the FUDS-C5-R.SLASHQ series?
    • What is the specific capacitance and voltage rating for the C5 variant?
    • Can this part be substituted with a standard X7R capacitor?