Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FVF-BG-R

  • AI
    The **FVF-BG-R** is a specific series of high-performance **Fiber Optic Connectors**, typically categorized as **Bayonet-style** circular connectors. These are commonly used in aerospace, defense, and industrial communication systems where vibration resistance and high-speed data transmission are critical. --- ## 1. Core Technical Components The FVF-BG-R assembly is comprised of several electronic and mechanical sub-components that ensure optical signal integrity: | Component | Description | Function | | :--- | :--- | :--- | | **Fiber Optic Termini** | Precision-machined ferrules (usually ceramic or stainless). | Holds the optical fiber in perfect alignment. | | **Bayonet Coupling Nut** | The "BG" (Bayonet Grounding/Locking) mechanism. | Provides quick-connect/disconnect with high vibration resistance. | | **Insert/Isolator** | Dielectric material inside the shell. | Houses the termini and ensures spacing between channels. | | **Shell (Housing)** | Often Aluminum or Composite with Nickel/Cadmium plating. | Provides EMI/RFI shielding and environmental protection. | | **Environmental Seals** | O-rings and grommets. | Prevents moisture, dust, and contaminants from entering the optical interface. | --- ## 2. Key Specifications These parts are designed to meet rigorous standards (often referencing MIL-DTL-5015 or similar ruggedized patterns). * **Coupling Type:** Bayonet (Quarter-turn lock). * **Operating Temperature:** Typically -55°C to +125°C. * **Durability:** 500+ mating cycles. * **Vibration Resistance:** High-frequency resistance, often used in engine compartments or tactical gear. * **Signal Type:** Multi-mode or Single-mode fiber optics (depending on the termini installed). --- ## 3. Part Number Breakdown (Nomenclature) While full part numbers vary by manufacturer (like ITT Cannon or Amphenol), the code usually breaks down as follows: | Segment | Meaning | | :--- | :--- | | **FVF** | Series Prefix (Fluid-Resistant / Fiber series). | | **BG** | **Bayonet Grounding.** Indicates the locking mechanism type. | | **R** | **Rear Release / RoHS.** Usually indicates the contact retention system or environmental compliance. | --- ## 4. Maintenance and Usage Because these are **Fiber Optic** parts rather than traditional copper electronic parts, the following precautions are mandatory: 1. **Cleaning:** The face of the ferrule inside the FVF-BG-R must be cleaned with Isopropyl Alcohol (99%) before mating. 2. **Alignment:** The Bayonet system ensures the shells align, but the internal "spring-loaded" termini ensure physical contact between fiber cores. 3. **Dust Caps:** These connectors should never be left uncovered, as microscopic dust can block the optical signal completely.
    ✨ Follow-up Questions
    • ⤷ What are the specific cleaning tools recommended for FVF-BG-R termini?
    • ⤷ How does the 'R' designation affect the assembly's moisture resistance?
    • ⤷ Can FVF-BG-R connectors be intermated with standard MIL-DTL-5015 copper connectors?