Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • FVF-FC-R/Q

  • AI
    The **FVF-FC-R/Q** refers to a specific series of industrial high-frequency filtration or control components, typically associated with specialized power supply units, induction heating, or motor drive systems. The designation often points to **Fast-Recovery Rectifier modules** or **Filter Capacitors** used in high-power electronic circuits. Below is an explanation of the electronic characteristics and structural parts. --- ### 1. Component Overview The FVF-FC-R/Q series is designed for power conversion. The "FC" often denotes **Filter/Capacitor** or **Fast Conversion**, while "R/Q" typically indicates the recovery speed or the specific quality factor (Q-factor) of the internal semiconductor junctions. | Feature | Description | | :--- | :--- | | **Primary Function** | High-speed switching and rectification in power circuits. | | **Circuit Role** | Reducing ripple voltage and protecting against inductive kicks. | | **Heat Dissipation** | Usually mounted on an aluminum substrate for thermal management. | | **Material** | Silicon-based or Silicon Carbide (SiC) for high-frequency models. | --- ### 2. Key Electronic Parts and Construction These modules are composed of several internal layers and electronic elements: #### A. Semiconductor Die (The Core) * **Fast Recovery Diode (FRD):** Unlike standard rectifiers, these have a very short Reverse Recovery Time ($t_{rr}$). This prevents energy loss during high-frequency switching. * **Schottky Barrier (Optional):** Some "Q" variants use Schottky technology to ensure low forward voltage drop. #### B. The Housing (Package) * **Encapsulation:** Epoxy resin or ceramic housing to provide high dielectric strength (insulation). * **Terminals:** Heavy-duty screw terminals (R-type) or plug-in pins (Q-type) designed to handle high amperage without melting. #### C. Internal Protection * **Snubber Circuit:** Often contains internal RC (Resistor-Capacitor) networks to suppress "ringing" or voltage spikes that occur during switching. --- ### 3. Technical Specifications While exact values depend on the manufacturer (e.g., Fuji, Mitsubishi, or specialized industrial brands), the general electronic parameters for this class are: | Parameter | Typical Value Range | | :--- | :--- | | **Voltage Rating ($V_{RRM}$)** | 600V to 1200V | | **Current Rating ($I_{F}$)** | 20A to 150A | | **Reverse Recovery Time ($t_{rr}$)** | < 100ns | | **Operating Temperature** | -40°C to +150°C | --- ### 4. Application Areas These parts are most commonly found in the following electronic systems: 1. **Inverters:** Converting DC back to AC for motor control. 2. **Uninterruptible Power Supplies (UPS):** Managing fast battery-to-load switching. 3. **Welding Machines:** Handling high-frequency pulse rectification. 4. **EV Charging Stations:** Managing high-power DC distribution. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific reverse recovery time (trr) for the FVF-FC series?
    • ⤷ How does the 'R' suffix differ from the 'Q' suffix in terms of mounting?
    • ⤷ Are there recommended heat sink dimensions for these modules?