Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • GMA-3.15-R

  • AI
    ## Technical Overview of the GMA-3.15-R The **GMA-3.15-R** is a specific model of electronic fuse used for circuit protection. It belongs to the **GMA series**, which consists of fast-acting, glass-tube fuses. These components are designed to protect electronic devices from overcurrent conditions by breaking the circuit when the current exceeds a specific threshold. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | | :--- | :--- | | **GMA** | Series name (Fast-acting, 5x20mm glass fuse) | | **3.15** | Current rating (3.15 Amperes) | | **-R** | RoHS compliant (Lead-free construction) | --- ### 2. Key Specifications The electronic behavior of the GMA-3.15-R is defined by the following electrical and physical parameters: * **Current Rating:** 3.15A * **Voltage Rating:** Typically 250V AC (Standard for the series) * **Fuse Type:** Fast-Acting / Fast-Blow (F) * **Dimensions:** 5mm x 20mm (Standard small-cartridge size) * **Material:** Glass tube body with nickel-plated brass end caps. * **Breaking Capacity:** Usually 35A at 250VAC or 10,000A at 125VAC. --- ### 3. Functional Characteristics Electronic fuses like the GMA-3.15-R have specific response curves: 1. **Fast-Acting Response:** Unlike "Slow-Blow" fuses, this model is designed to open almost instantly when a short circuit or significant overload occurs. It is used in sensitive equipment where even a brief surge could damage semiconductors. 2. **Visible Element:** Because it is made of glass, the internal filament can be visually inspected. If the wire is broken or the glass is blackened, the fuse has "blown." 3. **Resistance:** It has a low internal resistance (typically measured in Milliohms) to ensure minimal voltage drop across the component during normal operation. --- ### 4. Common Applications The GMA-3.15-R is frequently found in the following electronic systems: * **Power Supplies:** Protecting the input stage of AC/DC adapters. * **Consumer Electronics:** Used in televisions, audio amplifiers, and desktop monitors. * **Test Equipment:** Multimeters and oscilloscopes often use this size for internal protection. * **Control Boards:** Industrial PLC outputs or HVAC control modules. --- ### 5. Implementation Example When designing a PCB for this part, a fuse clip or holder is required. Here is a representation of how it might be defined in a Netlist or BOM: ```yaml Component: Fuse Manufacturer_Part_Number: GMA-3.15-R Footprint: Fuse_Holder_5x20mm Value: 3.15A 250V Type: Fast-Acting Compliance: RoHS ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between GMA and GDC fuse series?
    • ⤷ Can I replace a 3.15A fast-acting fuse with a slow-blow fuse of the same rating?
    • ⤷ What are the standard safety certifications for the GMA-3.15-R?