GMD-2.5-R
AI

The **GMD-2.5-R** is a specific type of electronic component, specifically a **Glass Tube Fuse** belonging to the GMD series manufactured by **Eaton (formerly Bussmann)**. It is designed for low-power applications requiring time-delay characteristics.
---
### 1. Technical Specifications
The part number "GMD-2.5-R" can be broken down into its technical attributes:
| Parameter | Specification |
| :--- | :--- |
| **Series** | GMD (5mm x 20mm format) |
| **Current Rating** | 2.5 Amperes |
| **Voltage Rating** | 250 VAC |
| **Fuse Type** | Time-Delay (Slow-Blow) |
| **Material** | Glass Tube with Nickel-plated Brass Endcaps |
| **Interrupt Rating** | 100A at 250VAC |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Physical Characteristics
* **Dimensions:** It follows the standard small-dimension format of **5mm (diameter) x 20mm (length)**.
* **Mounting:** It is typically used in panel-mount fuse holders, PCB clips, or inline fuse holders.
* **Visual Check:** Because it is a glass tube, the internal filament is visible. In a "slow-blow" fuse like this, the element often has a small coil or a tiny drop of solder (a "T-element") to provide the necessary thermal mass for time-delay.
---
### 3. Functional behavior: Time-Delay
The "GMD" series is characterized as **Time-Delay**. Unlike "Fast-Acting" fuses that blow instantly upon hitting the current limit, the GMD-2.5-R is engineered to:
1. **Withstand Inrush Current:** It ignores temporary spikes (like when a motor or transformer starts up).
2. **Protect against Sustained Overload:** It will open the circuit if the 2.5A limit is exceeded for a prolonged period.
---
### 4. Applications
This specific fuse is commonly found in:
* **Consumer Electronics:** Power supplies for TVs and audio equipment.
* **Industrial Equipment:** Small control circuits and PLCs.
* **Chargers:** Laptop power adapters or battery charging stations.
---
### 5. Ordering and Replacements
When replacing this part, ensure the following markers match:
* **Voltage:** Can be 250V or higher (never lower than the circuit voltage).
* **Amperage:** Must be exactly 2.5A.
* **Speed:** Must be "T" (Time-delay/Slow-blow). Replacing this with a "Fast-acting" fuse will likely cause it to blow immediately upon device startup.
- ⤷
What is the difference between GMD and GMC series fuses?
- ⤷ Can I use a ceramic fuse instead of this glass GMD-2.5-R?
- ⤷ What are the standard safety agency certifications for this fuse?