Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • GS-R24F0001.0

  • AI
    ### Overview of the GS-R24F0001.0 The **GS-R24F0001.0** is a specific step-down (buck) switching regulator module, historically manufactured by STMicroelectronics. It belongs to the GS-R series, designed to provide high-efficiency power conversion in a compact, ready-to-use package. --- ### Technical Specifications The following table outlines the core electronic characteristics of the GS-R24F0001.0: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 40V DC | | **Output Voltage** | 5.1V DC | | **Output Current** | 2.0 Amperes (Max) | | **Efficiency** | ~80% to 90% (Load dependent) | | **Switching Frequency** | ~100 kHz | | **Package Type** | SIP (Single In-line Package) | | **Cooling** | Natural convection (Heatsink usually integrated) | --- ### Internal Electronic Components While the module is encapsulated, its internal architecture typically consists of the following functional blocks: 1. **Switching Controller:** An integrated PWM (Pulse Width Modulation) controller that regulates the output by varying the duty cycle. 2. **Power MOSFET:** A high-speed electronic switch that handles the input voltage chopping. 3. **Power Inductor:** Used to store energy during the "on" cycle and release it to the load during the "off" cycle. 4. **Schottky Diode:** Acts as a freewheeling diode to provide a path for the current when the MOSFET is off. 5. **Filter Capacitors:** High-quality electrolytic or ceramic capacitors located at the input and output to reduce voltage ripple and noise. --- ### Pin Configuration The module typically features a simple pinout for easy integration into PCBs: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **+Vin** | Positive Unregulated Input Voltage | | **2** | **Input GND** | Return path for Input Power | | **3** | **Output GND** | Return path for Output Power (Common with Pin 2) | | **4** | **+Vout** | Regulated 5.1V Output | | **5** | **Inhibit (Optional)** | Pin used to turn the module ON/OFF remotely | --- ### Key Features and Applications * **Short Circuit Protection:** The internal electronics are designed to shut down or limit current if a short occurs. * **Thermal Protection:** Includes an internal thermal cutout to prevent damage from overheating. * **Applications:** * Industrial control systems. * Telecommunications equipment. * Distributed power architectures (where a high voltage bus needs to be stepped down to logic levels).
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the GS-R24F0001.0?
    • ⤷ Can this module be used in parallel to increase output current?
    • ⤷ What are the modern drop-in replacements for this discontinued STMicroelectronics module?