Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • GS-R24F0001.5

  • AI
    ### Overview of GS-R24F0001.5 The **GS-R24F0001.5** is a high-efficiency **Step-Down (Buck) Switching Regulator Module** originally manufactured by STMicroelectronics. It belongs to the GS-R series, designed to provide a stable DC output from a higher DC input voltage, commonly used in industrial and telecommunications equipment. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 40V DC | | **Output Voltage** | 5.1V DC (Fixed) | | **Output Current** | 1.5A | | **Efficiency** | ~75% to 85% (depending on load/input) | | **Switching Frequency** | ~100 kHz | | **Isolation** | Non-isolated | | **Package Type** | Vertical Plug-in Module (SIP) | --- ### Key Electronic Components & Internal Architecture The module is a "complete" power solution, meaning it integrates several discrete components onto a small PCB substrate, usually potted or shielded. #### 1. Switching Controller The heart of the module is typically an STMicroelectronics proprietary switching regulator IC. It uses **Pulse Width Modulation (PWM)** to control the power delivery, ensuring high efficiency compared to linear regulators (like the LM7805). #### 2. Power Inductor Unlike linear regulators, this module contains a physical inductor. This component stores energy in a magnetic field during the "on" cycle and releases it to the load during the "off" cycle, which is essential for the buck conversion process. #### 3. Catch Diode (Schottky) A high-speed diode is integrated to provide a path for the inductor current when the main switch is turned off, preventing voltage spikes and maintaining current flow. #### 4. Filter Capacitors The module includes internal input and output ceramic/electrolytic capacitors to: * Reduce input ripple. * Smooth the output DC voltage. * Ensure transient stability. --- ### Pin Configuration Typically, the GS-R24F series follows a standard pinout for easy integration: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **+Vin** | Positive Input Voltage (9V - 40V) | | 2 | **Input Ground** | Common Return for Input | | 3 | **Output Ground** | Common Return for Output | | 4 | **+Vout** | Regulated 5.1V Output | | 5 | **Reset/Inhibit** | (Optional) Used to enable/disable the module | --- ### Critical Features * **Short Circuit Protection:** The module includes internal circuitry to shut down or limit current if the output is shorted. * **Thermal Shutdown:** It protects itself from overheating by reducing power if the internal temperature exceeds safe limits. * **No External Components Required:** It is designed to work "out of the box," though adding external low-ESR capacitors at the input/output is often recommended for sensitive applications. ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the GS-R24F and the GS-R12F series?
    • ⤷ Can this module be used in automotive applications with 24V systems?
    • ⤷ What is the recommended heat sinking for the GS-R24F0001.5 at full load?