GS220A20-R7B
AI

The **GS220A20-R7B** is a high-reliability, 220W AC-DC industrial desktop power supply manufactured by **MEAN WELL**. It belongs to the GS220 series and is designed for energy efficiency and high-power output for industrial and commercial equipment.
### 1. Key Technical Specifications
The following table outlines the primary electrical characteristics of the GS220A20-R7B:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 20V DC |
| **Output Current** | 11.0A |
| **Rated Power** | 220 Watts |
| **Input Voltage Range** | 90 ~ 264VAC (Universal) |
| **Efficiency (Typ.)** | 92.5% |
| **DC Connector Type** | Power DIN 4-Pin with lock (R7B) |
| **AC Inlet Type** | IEC320-C14 (3-Pole) |
---
### 2. Core Electronic Features
The internal circuitry and design of this unit focus on stability and safety:
* **PFC (Power Factor Correction):** It features a built-in active PFC function (PF > 0.94), which reduces harmonic distortion and improves power efficiency from the AC source.
* **Protection Mechanisms:**
* **Short Circuit Protection:** Automatically recovers once the fault is removed.
* **Overload Protection:** Limits output current to prevent internal component damage.
* **Overvoltage Protection:** Shuts down the output if the voltage exceeds safety thresholds (typically 110-140%).
* **Over Temperature Protection:** Built-in sensor to shut down the unit if the internal heat exceeds safe operating limits.
* **No Load Power Consumption:** Designed for "green" compliance, it consumes less than **0.5W** when no device is connected.
---
### 3. Physical & Connection Layout
The "R7B" suffix specifically refers to the output connector type:
* **Connector Type:** 4-Pin Power DIN (KYCON KPPX-4P equivalent).
* **Pin Assignment:**
* Pins 1 & 2: Positive (+) Output.
* Pins 3 & 4: Negative (-) Output.
* **Case Material:** Fully enclosed 94V-0 flame-retardant plastic case.
* **Cooling:** Passive cooling (convection); no internal fans, which ensures silent operation.
---
### 4. Compliance and Standards
This part is engineered to meet strict international standards for safety and environment:
* **Safety:** UL62368-1, CSA C22.2, TUV EN62368-1.
* **EMC Emission:** Compliance with EN55032 Class B (Conducted and Radiated).
* **Energy Level:** Meets VI efficiency levels (DOE Level VI).
- ⤷
What are the differences between the R7B and the R7A connector versions?
- ⤷ Can this power supply be used for charging high-capacity batteries?
- ⤷ What is the operating temperature range for the GS220A20 series?