GSA-6-R
AI

The **GSA-6-R** refers to a specific type of **Rotary Step Switch** or **Uniselector**, commonly associated with legacy telecommunication systems and industrial automation control. It is an electromechanical device designed to route electrical signals through various paths based on pulse inputs.
---
### 1. Key Electronic Components
The GSA-6-R consists of several integrated mechanical and electronic parts that work in unison:
| Component | Description | Function |
| :--- | :--- | :--- |
| **Solenoid / Coil** | An electromagnetic actuator. | Converts electrical pulses into mechanical motion to advance the switch. |
| **Wiper Assembly** | A set of conductive brushes (wipers). | Rotates to make physical contact with specific terminals in the bank. |
| **Contact Bank** | A semi-circular array of fixed terminals. | Acts as the "output" ports that the signal is routed to. |
| **Ratchet & Pawl** | The mechanical indexing mechanism. | Ensures the wiper moves exactly one step per electrical pulse without back-sliding. |
| **Interrupter Springs** | Specialized switch contacts. | Often used to allow the switch to "self-step" or reset to a home position automatically. |
---
### 2. Technical Specifications (General)
While specific tolerances can vary by manufacturer, the GSA series typically follows these parameters:
* **Operating Voltage:** Commonly available in **24V DC** or **48V DC** variants.
* **Step Capacity:** Usually features a **6-level** bank (the "6" in the part number) or a specific number of positions (often 25 or 50).
* **Switching Capacity:** Designed for low-current signal switching (typically < 1A).
* **Contact Material:** Often gold or silver-plated to ensure low contact resistance and prevent oxidation.
---
### 3. How the GSA-6-R Functions
The operation follows a specific logic sequence:
1. **Pulse Reception:** A DC pulse is sent to the solenoid coil.
2. **Magnetic Induction:** The coil creates a magnetic field, pulling an armature toward it.
3. **Indexing:** The armature pushes a pawl into the ratchet wheel, rotating the wiper assembly by one position (e.g., from Position 1 to Position 2).
4. **Signal Routing:** The wipers bridge the "Common" input to the specific "Output" terminal on the bank.
5. **Return:** Once the pulse ends, a spring returns the armature to its resting position, ready for the next pulse.
---
### 4. Typical Applications
* **Vintage Telephony:** Used in Strowger-type telephone exchanges for routing calls.
* **Industrial Sequencing:** Managing step-by-step processes in older factory machinery.
* **Pinball & Gaming:** Used in mid-century electromechanical games to track scores or game states.
* **Testing Equipment:** Automating the selection of different test points in a circuit.
- ⤷
What is the pinout configuration for the GSA-6-R contact bank?
- ⤷ How do you wire a self-homing circuit for this rotary switch?
- ⤷ What are the common failure modes for the solenoid coil in these units?