The question interval is too short. Please try again in a few seconds.
GSA-80-R
AI
The **GSA-80-R** is an industrial-grade **Single-Turn Absolute Encoder** produced by GSA (often associated with brands like Goyo or specialized industrial automation suppliers). It is designed to convert mechanical rotation into a precise digital electrical signal.
---
## 1. Core Electronic Components & Architecture
The GSA-80-R operates on optoelectronic principles. Below is a breakdown of its internal electronic parts:
| Component | Function |
| :--- | :--- |
| **Infrared LED** | The light source that emits a steady beam through the code disc. |
| **Optical Code Disc** | A high-precision glass or plastic disc with radial patterns (Gray Code) that represents position data. |
| **Photo-Detector Array** | A sensor chip that converts the light patterns passing through the disc into electrical pulses. |
| **Signal Processing ASIC** | An application-specific integrated circuit that filters noise and digitizes the analog sensor signals. |
| **Communication Driver** | The output stage (usually RS485 or Parallel) that sends the data to a PLC or CNC controller. |
---
## 2. Technical Specifications
| Parameter | Specification (Standard GSA-80-R) |
| :--- | :--- |
| **Supply Voltage** | DC 5V or 10V - 30V |
| **Resolution** | Up to 13-bit (8192 positions per revolution) |
| **Output Interface** | SSI (Synchronous Serial Interface) or Parallel |
| **Current Consumption** | $\le$ 150 mA |
| **Output Code** | Gray Code (standard for absolute encoders to prevent errors) |
---
## 3. Electronic Protection Features
The GSA-80-R includes several electronic safety layers to ensure reliability in harsh environments:
* **Reverse Polarity Protection:** Prevents damage if the power supply wires (VCC and GND) are accidentally swapped.
* **Short-Circuit Protection:** Protects the output drivers if the signal wires touch a ground or power source.
* **EMC Shielding:** The internal circuitry is housed in a metal casing to block Electromagnetic Interference (EMI) from nearby motors or high-voltage cables.
---
## 4. Wiring Diagram (General Representation)
Typical wiring for the GSA-80-R series involves a multi-core shielded cable:
```text
Pin/Wire Color | Function | Description
---------------|---------------|-----------------------
Red | Vcc | Power Supply (+)
Black | GND | Ground (0V)
Green | Data + | SSI Data Signal
Yellow | Data - | SSI Data Inverted
Blue | Clock + | SSI Clock Input
White | Clock - | SSI Clock Inverted
Shield | PE | Earth/Shielding
```
✨ Follow-up Questions
⤷
What is the difference between the GSA-80-R and an incremental encoder?
⤷ How do I troubleshoot a 'Signal Loss' error on this encoder?
⤷ Can the resolution of the GSA-80-R be programmed after installation?