GSA1.25-R
AI

The **GSA1.25-R** refers to a high-precision, sub-miniature wire-to-board connector system, most commonly associated with the **1.25mm pitch** standard (similar to Molex PicoBlade or JST-GH series). These parts are engineered for compact electronic assemblies where space is at a premium.
---
## Technical Specifications
The following table outlines the typical electrical and mechanical characteristics of the GSA1.25-R series:
| Feature | Specification |
| :--- | :--- |
| **Pitch** | 1.25 mm (0.049") |
| **Current Rating** | 1.0A AC/DC |
| **Voltage Rating** | 125V AC/DC |
| **Contact Resistance** | 20mΩ Max |
| **Insulation Resistance** | 100MΩ Min |
| **Withstanding Voltage** | 500V AC/minute |
| **Operating Temperature** | -25°C to +85°C |
| **Material (Housing)** | Nylon 66, UL94V-0 |
---
## Key Components of the System
The GSA1.25-R system is composed of three primary electronic parts:
### 1. The Header (PCB Mount)
The "R" in the suffix often denotes a **Right-Angle** orientation.
* **Mounting:** Surface Mount Technology (SMT) or Through-Hole.
* **Pins:** Phosphor bronze with tin or gold plating.
* **Design:** Friction lock mechanism to prevent accidental disconnection due to vibration.
### 2. The Housing (Crimp Shell)
The female plastic shell that holds the crimped wires.
* **Feature:** Polarized design to ensure correct orientation (preventing reverse polarity).
* **Locking:** Features a ramp-style friction lock.
### 3. Crimp Terminals
The metal contacts that are crimped onto the ends of wires before being inserted into the housing.
* **Wire Gauge:** Typically supports 28 AWG to 32 AWG.
* **Finish:** Usually pre-tinned for high conductivity and corrosion resistance.
---
## Common Applications
Due to its 1.25mm micro-pitch, the GSA1.25-R is found in:
* **Drones & Robotics:** Internal sensor and motor wiring.
* **Consumer Electronics:** Laptop internal displays, battery connections, and speaker modules.
* **Medical Devices:** Compact diagnostic handhelds.
* **LED Lighting:** Slim-profile LED strips and controllers.
---
## Coding Example: Pinout Documentation
When documenting this part in a project, engineers often use a simple mapping format:
```yaml
Connector_ID: J1
Part_Number: GSA1.25-R-04P # 4-pin Right Angle
Pinout:
1: VCC (+3.3V)
2: GND
3: DATA_P (I2C SDA)
4: DATA_N (I2C SCL)
```
- ⤷
What is the difference between the GSA1.25-R and the vertical GSA1.25-S model?
- ⤷ Which crimping tool is recommended for 1.25mm pitch terminals?
- ⤷ Are GSA1.25 connectors cross-compatible with Molex PicoBlade?