Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • GU2-R-D-US

  • AI
    The **GU2-R-D-US** refers to a high-performance **Solid State Relay (SSR)**, typically manufactured by Panasonic (under the PhotoMOS line). These components are designed to replace traditional electromechanical relays in high-precision testing and measurement equipment. --- ### Technical Specifications Below are the primary electronic characteristics for the GU2-R-D-US series: | Parameter | Specification (Typical) | | :--- | :--- | | **Package Type** | DIP / Surface Mount (SMD) | | **Contact Form** | 1 Form A (Normally Open) | | **Load Voltage** | 350V - 400V AC/DC | | **Load Current** | 100mA - 120mA | | **Isolation Voltage** | 1,500V AC | | **Output Type** | MOSFET | | **Input Type** | LED (Low current drive) | --- ### Key Internal Components The GU2-R-D-US operates using optical isolation technology. It consists of three main internal stages: 1. **Input Stage (LED):** - Contains an Infrared LED. When a small DC current passes through the input side, the LED emits light. 2. **Isolation Barrier:** - A physical transparent silicone resin that allows light to pass but blocks electrical high voltage, protecting the control circuit. 3. **Output Stage (Photo-sensitive MOSFET):** - A solar cell array receives the light and converts it into a voltage to drive two MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors) that switch the load. --- ### Key Features & Benefits * **High Reliability:** No moving parts means no mechanical wear, resulting in a virtually infinite switching life. * **Low On-Resistance:** Optimized for minimal signal distortion, making it ideal for telecommunications and instrumentation. * **Quiet Operation:** Unlike mechanical relays, there is no "clicking" noise. * **Compact Design:** The "US" suffix often denotes a reinforced or specific small-outline package designed for high-density PCB layouts. --- ### Common Applications * **Modems and Telephony:** Used for hook-switching and ring detection. * **Measurement Equipment:** High-speed scanning and data acquisition systems. * **Security Systems:** Controlling alarms and sensors without mechanical failure risks. * **Medical Electronics:** Providing high isolation for patient safety.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this PhotoMOS relay and a standard electromechanical relay?
    • ⤷ How do I calculate the series resistor required for the input LED?
    • ⤷ Can the GU2-R-D-US handle AC and DC loads simultaneously?