Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • H4N-R

  • AI
    The **Zoom H4n Pro** (and its variants like the H4n-R) is a popular handheld digital recorder. Its internal electronics are designed to balance high-fidelity audio capture with portable power efficiency. Below is an overview of the key electronic components and subsystems found within the device. --- ### 1. Analog Front-End (AFE) The front-end is responsible for handling the raw electrical signals from microphones before they are digitized. | Component | Description | | :--- | :--- | | **Preamplifiers** | Uses high-performance, low-noise micro-preamps (the same ones found in Zoom H5/H6), capable of handling up to 140 dB SPL. | | **XLR/TRS Combo Jacks** | Balanced inputs that include circuitry for **+24V or +48V Phantom Power** to drive condenser microphones. | | **Potentiometers** | Digitally controlled analog gain stages that allow precise adjustment of input levels. | ### 2. Digital Signal Processing (DSP) Once the signal is converted, the "brain" of the device processes the data. * **A/D and D/A Converters:** High-resolution 24-bit/96kHz converters ensure the transition from analog to digital (and back for monitoring) maintains high dynamic range. * **Main CPU/MCU:** A specialized RISC-based processor manages the user interface, file system (FAT32), and real-time audio encoding (WAV or MP3). * **Onboard Effects Chip:** A dedicated logic block handles real-time processing such as: * Low-cut filtering. * Compression/Limiting. * Guitar amp modeling (specific to the H4n series). ### 3. Audio Input/Output Subsystems The H4n-R features specialized circuitry for different I/O paths: 1. **XY Microphone Capsule:** Two matched unidirectional condenser microphones arranged in a 90° or 120° pattern. These are connected via noise-shielded ribbons to the mainboard. 2. **Headphone Amplifier:** A low-impedance output stage designed to drive headphones without significant distortion. 3. **Built-in Speaker:** A small 400mW mono speaker driven by a Class-D or miniature Class-AB amplifier for quick playback reference. ### 4. Power Management The device is designed to run on multiple power sources: * **DC-DC Converters:** Step up the 3V (2x AA batteries) to the 48V required for phantom power. * **USB Interface:** A Mini-USB port that acts as both a 2-in/2-out audio interface and a 5V power input. * **Voltage Regulators:** Ensure stable, ripple-free voltage to the sensitive analog preamps to prevent "hum" or electronic noise. --- ### Summary Table: Key Technical Specs | Feature | Specification | | :--- | :--- | | **Bit Depth/Sample Rate** | 16/24-bit; 44.1/48/96 kHz | | **Storage Interface** | SD/SDHC Card slot (Supports up to 32GB) | | **Display** | 128 x 64 dot resolution backlit LCD | | **USB Type** | Mini-B (USB 2.0 High Speed) | ---
    ✨ Follow-up Questions
    • ⤷ How does the H4n Pro preamp differ from the original H4n?
    • ⤷ What are the common electronic failure points in Zoom recorders?
    • ⤷ Can the H4n-R be modified to improve its signal-to-noise ratio?