H5TC4G83BFR-RDA
AI

The **H5TC4G83BFR-RDA** is a high-performance, low-voltage synchronous dynamic random-access memory (DDR3L SDRAM) chip manufactured by SK Hynix. It is commonly found in laptop RAM modules, embedded systems, and networking hardware.
---
### 1. Technical Specifications
Below are the primary technical parameters for the H5TC4G83BFR-RDA:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | SK Hynix |
| **Density** | 4 Gigabits (4Gb) |
| **Configuration** | 512M x 8 (512 Megabytes) |
| **Memory Type** | DDR3L (Low Voltage DDR3) |
| **Standard Voltage** | 1.35V (Backward compatible with 1.5V) |
| **Speed Grade** | 1600 Mbps (PC3L-12800) |
| **Package Type** | 78-ball FBGA |
| **Operating Temp** | 0°C to 95°C (Commercial Grade) |
---
### 2. Key Features and Architecture
* **DDR3L Technology:** The "L" stands for Low Voltage. It operates at **1.35V**, which reduces power consumption by approximately 15-20% compared to standard 1.5V DDR3, while maintaining the same performance.
* **Speed & Latency:** The "RDA" suffix indicates a clock frequency of **800MHz**, resulting in a data rate of **1600MT/s**. It typically operates with a CAS latency of 11 (CL11).
* **Internal Banks:** It uses an 8-bank inner architecture, allowing for high-speed data interleaving.
* **Refresh Cycles:** It supports Auto-refresh and Self-refresh modes to maintain data integrity during idle states.
---
### 3. Part Number Decoder
Understanding the nomenclature helps in identifying the chip's specific capabilities:
| Code Segment | Meaning |
| :--- | :--- |
| **H5TC** | Hynix DDR3L SDRAM (1.35V) |
| **4G** | 4 Gigabit Density |
| **8** | Organization: x8 bit |
| **3** | Generation: 3rd Generation |
| **B** | Die Revision: B-Die |
| **FR** | Lead-Free & Halogen-Free Package |
| **RD** | Speed: DDR3-1600 (11-11-11) |
| **A** | Operating Temperature: Commercial (0°C ~ 95°C) |
---
### 4. Applications
Because of its balance between power efficiency and density, this specific IC is widely used in:
* **Laptops (SODIMMs):** Standard memory for 4th to 6th Gen Intel Core mobile platforms.
* **Embedded Systems:** Industrial PCs and Single Board Computers (SBCs).
* **Networking:** Routers, switches, and high-end printers that require buffer memory.
---
- ⤷
What is the difference between H5TC4G83BFR and the 1.5V H5TQ version?
- ⤷ Can this memory chip be used in standard DDR3 1.5V slots?
- ⤷ How do I interpret the 'FBGA' ball map for PCB design?