H5TC4G83CFR-RDI
AI

The **H5TC4G83CFR-RDA** is a high-performance, low-voltage synchronous dynamic random-access memory (**DDR3L SDRAM**) manufactured by SK Hynix. It is commonly used in PCs, servers, and embedded systems where high density and low power consumption are required.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Density** | 4 Gigabits (4Gb) |
| **Organization** | 512M x 8 bits |
| **Type** | DDR3L (Double Data Rate 3 Low Voltage) |
| **Voltage (Vdd)** | 1.35V (Standard) / 1.5V (Compatible) |
| **Speed Grade** | DDR3-1600 (PC3-12800) |
| **CAS Latency (CL)** | 11 |
| **Package Type** | 78-ball FBGA (Fine-pitch Ball Grid Array) |
| **Operating Temp** | 0°C to 95°C (Commercial) |
---
### 2. Functional Characteristics
* **Low Power (DDR3L):** This chip operates primarily at **1.35V**, which reduces power consumption by approximately 20% compared to standard 1.5V DDR3 memory. It is backward compatible with 1.5V systems.
* **8-bit Prefetch Architecture:** It uses an 8n-prefetch architecture to achieve high-speed data transfer.
* **Differential Clocking:** Uses differential clock inputs (CK, /CK) to maintain timing synchronization and minimize noise.
* **On-Die Termination (ODT):** Includes internal resistors to improve signal integrity by reducing reflections on the data bus.
* **Refresh Cycles:** Supports Auto-Refresh and Self-Refresh modes to maintain data integrity.
---
### 3. Part Number Decoding
The part number **H5TC4G83CFR-RDA** can be broken down as follows:
* **H5TC:** SK Hynix Low Voltage DDR3 SDRAM (1.35V).
* **4G:** 4 Gigabit Density.
* **8:** 8-bank memory architecture.
* **3:** x8 Organization (Data bus width).
* **C:** 3rd Generation (Die Revision).
* **FR:** Lead-Free & Halogen-Free (RoHS compliant).
* **RD:** Speed grade (1600 Mbps / CL11).
* **I/A:** Temperature Grade (I = Industrial / A = Commercial).
---
### 4. Typical Applications
* **Computing:** Laptop and Desktop RAM modules (SODIMMs/UDIMMs).
* **Networking:** Routers, switches, and hardware firewalls.
* **Embedded Systems:** Industrial PCs, digital signage, and smart IoT gateways.
* **Consumer Electronics:** Smart TVs and set-top boxes.
- ⤷
What are the main differences between DDR3 and DDR3L in terms of circuit design?
- ⤷ How does the FBGA packaging affect thermal management for this chip?
- ⤷ Can this chip be used in a system that only supports 1.5V DDR3?