Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • HA3022E-R

  • AI
    ## HA3022E-R Electronic Component Overview The **HA3022E-R** is a high-performance, high-voltage, high-speed power management IC, typically categorized as a **Synchronous Rectifier (SR) Controller**. It is widely used in switching power supplies to replace traditional Schottky diodes to improve efficiency. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the HA3022E-R series: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Input Voltage (VCC)** | 4.5 to 40 | V | | **Drain Sensing Voltage** | Up to 200 | V | | **Operating Frequency** | Up to 500 | kHz | | **Drive Current (Source/Sink)** | 1.0 / 2.0 | A | | **Quiescent Current** | ~1.5 | mA | | **Package Type** | SOT23-6 / SOP-8 | - | --- ### 2. Functional Features The HA3022E-R is designed to drive an external N-Channel MOSFET. Its primary functions include: * **Turn-on Phase:** It senses the drain-to-source voltage ($V_{DS}$) of the MOSFET. When the body diode starts conducting, the IC triggers the gate to turn the MOSFET on, reducing conduction loss. * **Turn-off Phase:** It monitors the current through the MOSFET. When the current drops near zero, it rapidly discharges the gate to prevent reverse current flow. * **Light Load Mode:** It often includes a "Green Mode" or sleep mode to reduce power consumption when the output load is minimal. * **Protection Suites:** Includes Under Voltage Lockout (UVLO) and over-voltage protection for the gate drive. --- ### 3. Application Areas This component is commonly found in high-efficiency AC/DC adapters and chargers. 1. **Quick Chargers:** Support for QC 3.0/4.0 and USB-PD chargers. 2. **Flyback Converters:** Used on the secondary side of Flyback topologies. 3. **Adapter Power Supplies:** Laptop bricks and high-end consumer electronics power supplies. --- ### 4. Typical Pin Configuration (SOT23-6) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VCC** | Power supply input. | | 2 | **GND** | Ground reference. | | 3 | **VG** | Gate drive output for the external MOSFET. | | 4 | **VD** | Drain sense input for $V_{DS}$ monitoring. | | 5 | **VS** | Source sense input. | | 6 | **NC/PROG** | No connect or programming pin (depending on specific sub-variant). | --- ### 5. Circuit Design Considerations * **Layout:** Keep the loop between the Gate (VG), Source (VS), and the MOSFET as short as possible to minimize parasitic inductance. * **Thermal:** While the IC itself doesn't generate much heat, ensure the driven MOSFET has adequate heat sinking as the HA3022E-R allows for high-current throughput. * **Voltage Spikes:** Since it handles high-speed switching, RC snubbers are often recommended across the MOSFET drain-source to protect the VD pin from voltage spikes.
    ✨ Follow-up Questions
    • ⤷ What are the compatible N-Channel MOSFETs recommended for use with the HA3022E-R?
    • ⤷ How does the HA3022E-R compare to the NCP4306 in terms of efficiency?
    • ⤷ Can this IC be used in a LLC resonant converter topology?