Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • HAH83-R82

  • AI
    ## Overview of the HAH83-R82 The **HAH83-R82** is a specialized electronic component, primarily known as a **Power Inductor** (specifically a High Current, Low Loss Power Inductor) manufactured by companies like **Delta Electronics**. These components are critical in modern power management systems for automotive and industrial applications. --- ### 1. Technical Specifications The part number "HAH83-R82" indicates specific physical and electrical characteristics. Below is a breakdown of the typical technical profile: | Feature | Description | | :--- | :--- | | **Component Type** | SMD Power Inductor | | **Inductance Value** | 0.82 µH (Microhenries) | | **Tolerance** | Typically ±20% | | **Current Rating (Isat)** | High Current (often exceeding 20A - 40A depending on series) | | **DC Resistance (DCR)** | Ultra-low (measured in mΩ) to minimize heat loss | | **Operating Temperature** | -40°C to +125°C or +150°C (Automotive Grade) | --- ### 2. Key Electronic Features #### A. Composite Construction The HAH83 series usually features a **molded metal powder core**. Unlike traditional ferrite cores, this construction offers: * **Soft Saturation:** The inductance doesn't drop off abruptly when current increases. * **Low EMI:** The molded body acts as a natural shield, reducing electromagnetic interference. #### B. High Efficiency Due to the **R82 (0.82 µH)** value, this inductor is optimized for high-frequency switching power supplies. The low DCR ensures that very little energy is wasted as heat, even at high current loads. #### C. AEC-Q200 Compliance Most parts in this series are designed for the automotive industry, meaning they are tested to withstand extreme vibrations, thermal shocks, and moisture. --- ### 3. Common Applications The HAH83-R82 is typically found in the following electronic circuits: 1. **DC-DC Converters:** Used in Point-of-Load (POL) converters to step down voltages. 2. **ADAS Systems:** Providing clean power to Advanced Driver Assistance Systems (cameras, sensors). 3. **Infotainment Systems:** Filtering noise in high-power car audio or display units. 4. **GPU/CPU Power:** Managing high-current power rails in embedded computing modules. --- ### 4. Circuit Symbol and Usage In a schematic, this part is represented by a standard inductor symbol. It is placed between the switching node of a regulator and the output capacitor to smooth out the current. ```text Switching Regulator (IC) | [Output Pin] ----( HAH83-R82 )---- [Vout / Load] | [Filter Cap] | GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the HAH83 series footprint?
    • ⤷ How does the 'soft saturation' of a metal powder core compare to a ferrite core?
    • ⤷ What is the typical saturation current (Isat) for the 0.82uH model?