Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • HAP-D1-R/Q

  • AI
    The **HAP-D1-R** and **HAP-D1-Q** are part of a series of High-Speed Photo-Couplers (Optoisolators) typically used for industrial signal isolation and high-speed data transmission. These components are designed to provide electrical isolation between a low-voltage control circuit and a high-voltage or noisy power circuit. --- ## 1. Technical Specifications Overview The difference between the **R** and **Q** suffixes usually relates to the **Current Transfer Ratio (CTR)** ranking or specific packaging/speed binning, though they share the same fundamental architecture. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | High-Speed Transistor Output Optocoupler | | **Input** | GaAsP / GaAlAs Infrared LED | | **Output** | High-speed Photodetector with Transistor | | **Isolation Voltage** | 2,500V to 5,000V RMS (depending on package) | | **Data Rate** | Up to 1 Mbps (Standard) / 10 Mbps (High Speed) | | **Forward Current ($I_F$)** | 16mA - 25mA | | **Operating Temp** | -40°C to +85°C | --- ## 2. Internal Electronic Structure These devices consist of two primary internal sections separated by an insulating transparent dielectric: ### A. Input Stage (Emitter) * **Component:** An Infrared Emitting Diode (IRED). * **Function:** Converts the incoming electrical signal (current) into infrared light. * **Logic:** When current flows through the LED, it glows; when current stops, the light turns off. ### B. Output Stage (Detector) * **Component:** A high-gain integrated photodetector and a NPN silicon phototransistor. * **Function:** The detector senses the infrared light and allows current to flow through the collector-emitter junction of the transistor. * **Speed Optimization:** Unlike standard 4-pin optocouplers (like the PC817), the "D1" high-speed variants often decouple the photodiode from the output transistor to reduce base-collector capacitance, allowing for faster switching times. --- ## 3. Difference Between R and Q Suffixes In electronic components, these suffixes typically denote the **Current Transfer Ratio (CTR)**, which is the ratio of output current to input current ($I_C / I_F$). * **R Ranking:** Often indicates a CTR range of approximately 100% to 300%. * **Q Ranking:** Often indicates a CTR range of approximately 50% to 150%. * *Note: Always verify the specific manufacturer datasheet (e.g., Renesas, Toshiba, or Everlight) as these ranges can vary by brand.* --- ## 4. Typical Applications 1. **Switching Power Supplies:** Providing feedback from the secondary side to the primary side while maintaining isolation. 2. **Logic Ground Isolation:** Preventing ground loops in digital communication systems (e.g., RS-232, RS-485). 3. **IPM (Intelligent Power Module) Interface:** Driving gates in motor control circuits where high-speed switching is required. 4. **Signal Level Shifting:** Converting 5V logic to 24V logic or vice versa. --- ## 5. Circuit Implementation Example To use the HAP-D1 series, a current-limiting resistor must be placed at the input, and a pull-up resistor is required at the output (since it is an open-collector configuration). ```cpp // Basic Calculation for Input Resistor (Rin) // Rin = (V_in - V_forward) / I_forward // Example: (5V - 1.2V) / 0.010A = 380 Ohms ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific switching speeds (rise/fall times) for the HAP-D1 series?
    • ⤷ How does the CTR ranking affect the performance of a high-speed circuit?
    • ⤷ Which manufacturers currently produce the HAP-D1-R/Q compatible parts?