HFE22-ASLASH48-H1T22-R
AI

The **HFE22-AS/48-H1T22-R** is a specific model of a **High Voltage DC (HVDC) Contactor** or Power Relay, typically manufactured by companies like **Hongfa**. These components are critical in New Energy Vehicles (EVs) and renewable energy systems for switching high-power circuits.
### 1. Part Number Breakdown (Technical Specifications)
Based on standard nomenclature for this series, here is the technical breakdown of the part:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **HFE22** | Series Name | High Voltage DC Contactor Series |
| **AS** | Type | Sealed (Epoxy/Inert Gas filled) for arc quenching |
| **48** | Coil Voltage | 48V DC Control Circuit |
| **H** | Contact Form | 1 Form A (Normally Open / SPST-NO) |
| **1** | Mounting | Type 1 (Standard mounting bracket/flange) |
| **T** | Terminal Type | Threaded/Bolt terminals for high current |
| **22-R** | Custom Suffix | Specific internal revision or RoHS compliance code |
---
### 2. Key Electronic Features
#### A. Arc Extinguishing Chamber
Because DC current does not have a "zero-crossing" point (unlike AC), an arc formed during disconnection can be persistent and destructive. This part uses a **sealed ceramic/epoxy chamber** filled with inert gas to safely extinguish high-voltage arcs.
#### B. High Current/Voltage Handling
* **Main Contact Voltage:** Typically rated for up to **450V DC - 750V DC**.
* **Continuous Current:** Usually rated for around **20A to 50A** (depending on the specific sub-frame size of the HFE22 series).
* **Short-term Carry:** Can handle significantly higher surge currents for brief periods (e.g., during motor startup).
#### C. Polarized Contacts
Most contacts in this series are **polarized**. This means the "Load +" and "Load -" must be connected correctly as internal permanent magnets are used to "blow" the arc away from the contact points.
---
### 3. Application Areas
These parts are industrial-grade and designed for environments where reliability is non-negotiable:
1. **Electric Vehicles (EV/PHEV):** Used in the Battery Management System (BMS) to disconnect the battery pack from the inverter in case of emergency or shutdown.
2. **Charging Stations:** Acts as the physical switch between the grid and the vehicle's battery.
3. **Solar Inverters:** Used to switch the high-voltage DC strings coming from PV panels.
4. **Energy Storage Systems (ESS):** Controls the flow of energy between large battery banks and the power grid.
---
### 4. Summary Table
| Parameter | Value (Typical) |
| :--- | :--- |
| **Coil Power** | ~3.0W to 4.0W |
| **Contact Resistance** | ≤ 2.0 mΩ |
| **Dielectric Strength** | 2500V AC (between coil and contacts) |
| **Operating Temp** | -40°C to +85°C |
| **Mechanical Life** | 200,000 operations |
---
- ⤷What is the difference between a polarized and non-polarized DC contactor?
- ⤷ How does the 48V coil voltage affect the wiring of the control circuit?
- ⤷ What are the common failure modes for high-voltage DC relays?