HG2458CU-1-RTP
AI

The **HG2458CU-1-RTP** is a high-performance, dual-band omnidirectional antenna manufactured by L-com (HyperLink). It is designed for wireless networking applications, specifically focusing on Wi-Fi (802.11a/b/g/n/ac) and IoT deployments.
---
### 1. Key Technical Specifications
The "electronic parts" of this component refer to its internal radiating elements and RF (Radio Frequency) characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | 2400-2500 MHz / 5150-5850 MHz |
| **Gain** | 3 dBi (2.4 GHz) / 5 dBi (5.8 GHz) |
| **Polarization** | Vertical |
| **Impedance** | 50 Ohm |
| **Max Input Power** | 10 Watts |
| **Connector Type** | RP-TNC Plug (Reverse Polarity TNC) |
---
### 2. Physical and Material Construction
The performance of the antenna is derived from its internal copper-based radiating elements and its protective housing.
* **Radiating Element:** High-conductivity copper/brass elements optimized for dual-band resonance.
* **Radome Material:** White UV-resistant ABS plastic, which protects the internal electronics from environmental degradation without interfering with signal propagation.
* **Integrated Swivel:** The base includes a 90-degree tilt and swivel joint, allowing for precise orientation to improve signal polarity alignment.
---
### 3. Electronic Design Features
The HG2458CU-1-RTP utilizes specific design principles to achieve its performance:
1. **Dual-Band Operation:** Unlike single-band antennas, this part contains internal matching circuits that allow it to operate efficiently at both 2.4 GHz and 5.8 GHz simultaneously.
2. **Omnidirectional Pattern:** The internal geometry is designed to radiate energy in a 360-degree horizontal pattern, making it ideal for access points located in the center of a room or office.
3. **RP-TNC Interface:** The "RTP" suffix indicates a **Reverse Polarity TNC** connector. This is a common electronic interface used specifically by Cisco and other enterprise-grade wireless hardware to comply with local regulatory standards.
---
### 4. Common Applications
* Enterprise Wi-Fi Access Points (Cisco, Linksys, etc.).
* Bluetooth devices and ZigBee hubs.
* Industrial IoT (IIoT) sensors.
* Wireless Mesh Networks.
- ⤷What is the difference between an RP-TNC and a standard TNC connector?
- ⤷ How does the gain (dBi) affect the signal range of this antenna?
- ⤷ Can this antenna be used outdoors in harsh weather?