AI

The **HG908PCL-RSP** is a specialized high-performance sector antenna typically manufactured by L-com (HyperLink). It is designed primarily for the 900 MHz ISM band (Industrial, Scientific, and Medical), frequently used in SCADA, LPWAN, and cellular applications.
Below is a breakdown of its electronic specifications and physical construction.
### 1. Electronic Specifications
These parameters define how the antenna interacts with electromagnetic waves and radio frequency (RF) equipment.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Frequency Range** | 900 - 928 MHz | Operates in the license-free ISM band. |
| **Gain** | 8 dBi | High gain for long-distance point-to-multipoint links. |
| **Horizontal Beamwidth** | 120° | Provides wide coverage across a specific sector. |
| **Vertical Beamwidth** | 25° | Focuses energy horizontally to minimize interference from above/below. |
| **Polarization** | Vertical | Aligned with standard mobile and fixed-station radios. |
| **VSWR** | < 1.5:1 | Indicates efficient power transfer with low reflection. |
| **Impedance** | 50 Ohm | Standard matching for most RF transmitters/receivers. |
---
### 2. Physical and Component Details
The "PCL" and "RSP" suffixes in the part number often refer to specific connector types and mounting hardware configurations.
* **Connector Type:** The "RSP" designation typically indicates an **RP-SMA Plug** (Reverse Polarity SMA) or similar, often integrated with a low-loss pigtail cable. This allows direct connection to many common wireless access points and IoT gateways.
* **Radome Material:** Usually constructed from UV-stable fiberglass or high-grade plastic to protect the internal copper radiating elements from harsh weather.
* **Internal Circuitry:** The antenna utilizes a microstrip or dipoles array behind a reflector plate. This configuration ensures the "Sector" pattern (wide horizontal, narrow vertical).
* **Mounting Hardware:** Includes heavy-duty U-bolts designed for pole mounting, allowing for "down-tilt" adjustments to optimize signal coverage on the ground.
---
### 3. Key Applications
Because of its 120-degree spread and 900 MHz frequency, this part is used in:
1. **Non-Line-of-Sight (NLOS) Links:** 900 MHz penetrates foliage and obstacles better than 2.4 GHz or 5 GHz.
2. **SCADA Systems:** Monitoring remote utility sensors (oil, gas, water).
3. **LPWAN / LoRa:** Providing base station coverage for IoT sensor networks.
---
- ⤷
What is the difference between dBi and dBd in the context of this antenna?
- ⤷ Can this antenna be used for LoRaWAN gateways?
- ⤷ What is the maximum power input (Watts) this electronic part can handle?