HLMP-EH08-R2000
AI

The **HLMP-EH08-R2000** is a high-performance, precision optical performance AlInGaP (Aluminum Indium Gallium Phosphide) LED lamp. These LEDs are specifically designed for applications requiring high light output and reliability in outdoor environments.
---
## 1. Technical Specifications
The following table summarizes the key electrical and optical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Material** | AlInGaP (Aluminum Indium Gallium Phosphide) |
| **Color** | Red-Orange |
| **Dominant Wavelength** | 615 nm |
| **Luminous Intensity** | 1150 - 2900 mcd (at 20mA) |
| **Viewing Angle** | 8 Degrees (Narrow Beam) |
| **Forward Voltage ($V_F$)** | 1.8V to 2.4V (Typical 2.1V) |
| **Maximum Peak Forward Current** | 100 mA |
| **Package Type** | T-1 3/4 (5mm) Round Through-Hole |
---
## 2. Key Electronic Features
### A. Material Composition (AlInGaP)
The use of **AlInGaP II** technology allows the LED to provide higher luminous efficiency compared to older technologies. It provides consistent light output over a wide range of temperatures and is highly resistant to degradation.
### B. Optical Precision
* **Narrow Radiation Pattern:** With an 8-degree viewing angle, this LED acts as a "spotlight." This is achieved through a precision-molded clear epoxy lens.
* **Color Stability:** The Red-Orange wavelength is optimized for visibility in daylight and high-contrast environments.
### C. Environmental Durability
* **Temperature Range:** Operates between -40°C to +100°C.
* **Moisture Resistance:** The epoxy contains UV inhibitors to prevent yellowing or cracking when exposed to direct sunlight over long periods.
---
## 3. Circuit Application Example
To drive this LED using a 5V DC source, you must use a current-limiting resistor to prevent thermal runaway.
```python
# Simple Ohm's Law Calculation for Resistor (R)
# R = (Source_Voltage - Forward_Voltage) / Target_Current
source_v = 5.0
forward_v = 2.1
target_i = 0.020 # 20mA
resistor = (5.0 - 2.1) / 0.020
print(f"Required Resistor: {resistor} Ohms") # Result: 145 Ohms
```
---
## 4. Typical Applications
1. **Variable Message Signs (VMS):** Highway and traffic information boards.
2. **Solar Powered Signs:** Due to its high efficiency/low power consumption.
3. **Commercial Outdoor Advertising:** Large-scale LED billboards.
4. **Traffic Signals:** Stoplights and pedestrian crossing indicators.
- ⤷
What is the significance of the 8-degree viewing angle in outdoor signaling?
- ⤷ Can this LED be dimmed using Pulse Width Modulation (PWM)?
- ⤷ How does AlInGaP technology compare to InGaN in terms of efficiency?