Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • HMS-Z-R/Q

  • AI
    The **HMS-Z-R/Q** series typically refers to electronic components used in power distribution and motor control, most notably **residual current monitoring (RCM)** or **ground fault relay** modules. These parts are designed to detect leakage currents and protect electrical systems from insulation failure or fire hazards. Below is a breakdown of the electronic aspects and specifications of these components. --- ## 1. Core Electronic Components The HMS-Z-R/Q devices are complex assemblies consisting of several key electronic subsystems: | Component Type | Function | | :--- | :--- | | **Current Transformer (CT)** | A high-sensitivity toroidal sensor that detects imbalances in the magnetic field caused by leakage current. | | **Signal Processor** | An onboard IC or microprocessor that filters noise and converts the analog CT signal into a digital value. | | **Trip Relay** | An electromechanical or solid-state switch that changes state when the leakage threshold is exceeded. | | **Potentiometers** | Adjustable dials used to set the rated residual operating current ($I\Delta n$) and time delay ($\Delta t$). | | **LED Indicators** | Visual feedback components for "Power," "Leakage Alarm," and "Fault" status. | --- ## 2. Technical Specifications The "R" and "Q" designations often refer to specific mounting styles (e.g., DIN rail vs. panel mount) or specific sensitivity ranges. ### Electrical Characteristics * **Operating Voltage:** Typically 110V - 230V AC (50/60 Hz). * **Sensitivity Range:** Generally adjustable from **30mA to 30A**. * **Response Time:** Adjustable delay settings ranging from **0s (instantaneous) to 5s**. * **Contact Rating:** Usually 5A at 250VAC for the internal relay contacts. --- ## 3. Circuit Interface (Wiring) The device interfaces with the broader electronic system through specific terminals: ```mermaid graph LR A[Power Supply L/N] --> B[HMS-Z Unit] C[Zero Sequence CT] --> B B --> D[Trip Coil / Alarm Circuit] B --> E[Test/Reset Buttons] ``` ### Terminal Breakdown 1. **Supply Terminals:** Powers the internal sensing electronics. 2. **Input Terminals (k/l):** Connects to the external Zero-phase Current Transformer (ZCT). 3. **Output Terminals:** Provides a Dry Contact (NO/NC) to trigger a circuit breaker shunt trip or a PLC input. --- ## 4. Key Differences: R vs. Q While specific to certain manufacturers (like Himel or similar industrial brands), the suffixes usually denote: * **-R:** Often signifies a **Remote** reset capability or **Rail** (DIN) mounting. * **-Q:** Often signifies a **Square** (Panel) mounting footprint or specific **Quick-trip** characteristics. --- ## 5. Maintenance and Diagnostic Features * **Test Button:** Electronically simulates a leakage current to verify the relay logic and mechanical trip function. * **Reset Button:** Clears the latched fault once the leakage condition has been rectified. * **Hysteresis Control:** Internal logic ensures the relay doesn't "chatter" if the leakage current fluctuates near the threshold.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the HMS-Z-R/Q series?
    • ⤷ How do I calibrate the sensitivity threshold for a 30mA leakage requirement?
    • ⤷ What are the compatible Zero-phase Current Transformers for this model?