Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • HT-80V330MH10Q-R2

  • AI
    The part number **HT-80V330MH10Q-R2** identifies a high-voltage, radial leaded **Aluminum Electrolytic Capacitor**. These components are primarily used for energy storage, filtering, and smoothing in power electronic circuits. --- ### 1. Technical Specifications Breakdown | Parameter | Specification | Description | |:---|:---|:---| | **Capacitance** | 330 µF | The amount of charge the capacitor can store. | | **Voltage Rating** | 80V | Maximum DC voltage the capacitor can withstand. | | **Tolerance** | ±20% (M) | Standard industry tolerance for electrolytic capacitors. | | **Temp. Range** | -40°C to +105°C | Rated for high-temperature stability. | | **Form Factor** | Radial (10Q) | Through-hole mounting with leads on one end. | | **Series** | HT Series | Usually denotes High Temperature or Low Impedance. | --- ### 2. Key Internal Components Aluminum electrolytic capacitors are composed of four primary layers: 1. **Anode Foil:** High-purity aluminum foil with an etched surface to increase area, coated with an Aluminum Oxide ($Al_2O_3$) dielectric layer. 2. **Cathode Foil:** A plain aluminum foil that acts as the second electrode. 3. **Electrolyte:** A conductive liquid or gel that impregnates the separator paper, ensuring contact between the cathode and the dielectric. 4. **Separator Paper:** Prevents the two foils from touching (short-circuiting). --- ### 3. Application and Usage Because of the **80V** rating and **330µF** capacity, this specific part is commonly found in: * **DC-DC Converters:** Filtering input/output noise in industrial power supplies. * **Audio Equipment:** Power rail decoupling for high-fidelity amplifiers. * **LED Drivers:** Smoothing the rectified current to prevent flicker. * **Motor Controllers:** Providing ripple current support for small BLDC motor drivers. ### 4. Code Block: Capacitance Calculation (Energy) To find the energy stored ($E$) in this capacitor at its rated voltage: ```python # Energy stored in a capacitor: E = 0.5 * C * V^2 capacitance = 330e-6 # 330 microfarads voltage = 80 # 80 volts energy_joules = 0.5 * capacitance * (voltage**2) print(f"Energy Stored: {energy_joules:.4f} Joules") # Output: Energy Stored: 1.0560 Joules ``` ---
    ✨ Follow-up Questions
    • ⤷What is the expected lifespan of the HT series at 105°C?
    • ⤷ How does the '10Q' designation affect the physical dimensions?
    • ⤷ What are the equivalents for this part from brands like Nichicon or Panasonic?