Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • HVF-EZ-R

  • AI
    The **HVF-EZ-R** is a specific series of high-voltage, fast-recovery rectifier diodes, commonly used in high-frequency power supplies and industrial equipment. Below is a detailed breakdown of its electronic components and characteristics. --- ## 1. Technical Specifications Table Typical values for the HVF-EZ-R series (specifically common in 5kV to 12kV ranges): | Parameter | Typical Value Range | Unit | | :--- | :--- | :--- | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 5,000 - 12,000 | Volts (V) | | **Average Forward Current ($I_{F(AV)}$)** | 350 - 500 | Milliamps (mA) | | **Reverse Recovery Time ($t_{rr}$)** | 60 - 100 | Nanoseconds (ns) | | **Forward Voltage Drop ($V_{F}$)** | 10 - 15 | Volts (V) | | **Operating Temperature** | -40 to +120 | °C | --- ## 2. Core Electronic Components The "part" itself is a discrete semiconductor device, but its internal architecture consists of several critical layers: ### A. Silicon Diffused Junction The heart of the HVF-EZ-R is a series of **P-N junctions** stacked in a "multi-junction" configuration. Because a single silicon wafer cannot withstand 10kV, multiple diode chips are stacked in series inside the molding to distribute the voltage stress. ### B. Fast Recovery Mechanism Unlike standard rectifiers, these parts are doped with heavy metals (like gold or platinum) or irradiated to create "recombination centers." This allows the diode to switch from a conducting state to a blocking state extremely quickly ($t_{rr}$ in nanoseconds), preventing power loss during high-frequency operation. ### C. Passivation Layer The semiconductor die is coated with a glass or resin **passivation layer**. This protects the junction from moisture and ionic contaminants, which is critical at high voltages where leakage current can lead to catastrophic failure (arcing). ### D. Encapsulation (The Body) The exterior is typically a flame-retardant epoxy resin. This material provides: * High dielectric strength (insulation). * Thermal conductivity to move heat from the junction to the leads. --- ## 3. Circuit Application In an electronic circuit, the HVF-EZ-R is usually represented by the standard diode symbol but is utilized in specific high-stress environments: ```mermaid graph LR A[Transformer High Out] --> B((HVF-EZ-R)) B --> C[Smoothing Capacitor] C --> D[Magnetron / X-Ray Tube] ``` ### Key Use Cases: 1. **Laser Power Supplies:** Handling the fast pulses required for CO2 lasers. 2. **X-Ray Generators:** Rectifying high-voltage AC into steady DC. 3. **Microwave Applications:** High-frequency rectification where standard 1N4007 diodes would overheat and fail. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for HVF-EZ-R to prevent arcing?
    • ⤷ How does the reverse recovery time (trr) affect the efficiency of high-voltage power supplies?
    • ⤷ What are the common failure modes for high-voltage rectifiers like the HVF-EZ-R?