I630-63BC9O2-155.520
AI

Based on the part number **I630-63BC9O2-155.520**, this component is a high-precision **Voltage Controlled Crystal Oscillator (VCXO)** or a standard **Crystal Oscillator**, likely manufactured by a company like ILSI (an MMD Monitor/Quartztek brand) or a similar frequency control specialist.
The alphanumeric string defines the physical characteristics, electrical performance, and output frequency.
---
### Part Number Breakdown
| Segment | Meaning | Specification Details |
| :--- | :--- | :--- |
| **I630** | **Series/Package** | 5.0 x 3.2 mm Surface Mount Device (SMD) with 6 pads. |
| **63** | **Operating Voltage** | Typically represents **3.3V** DC power supply. |
| **B** | **Frequency Stability** | Usually denotes **±50 ppm** (parts per million). |
| **C** | **Temp Range** | Commercial temperature range: **0°C to +70°C**. |
| **9** | **Duty Cycle** | Standard **45/55%** symmetry. |
| **O2** | **Output Type** | **LVPECL** (Low-Voltage Positive Emitter-Coupled Logic). |
| **155.520** | **Frequency** | **155.520 MHz** (standard telecommunications frequency). |
---
### Technical Specifications
#### 1. Signal Output: LVPECL
The "O2" code signifies **LVPECL**. This is a differential signaling standard used for high-speed data transmission because it offers:
* Low jitter (cleaner signal).
* Fast transition times.
* Good noise immunity.
#### 2. Target Frequency: 155.520 MHz
This is a specific "Golden Frequency" used extensively in networking infrastructure. It is the base clock frequency for:
* **SONET/SDH:** Specifically OC-3/STM-1 transmission rates.
* **ATM:** Asynchronous Transfer Mode.
* **Fiber Channel:** High-speed storage networking.
#### 3. Physical Form Factor
The **5032 (5.0mm x 3.2mm)** package is an industry-standard size. It features a seam-welded metal lid on a ceramic substrate, which provides high reliability and protects the quartz crystal inside from environmental interference.
---
### Key Applications
* **Optical Networking:** SFP/SFP+ transceiver modules.
* **Telecommunications:** Base stations and backhaul equipment.
* **Data Centers:** High-speed Ethernet switches and routers.
* **Test & Measurement:** High-frequency signal generators.
---
- ⤷
What are the wiring differences between LVPECL and LVDS outputs?
- ⤷ How does frequency stability (±50 ppm) impact long-term timing accuracy?
- ⤷ What are the recommended decoupling capacitor values for a 155.520 MHz oscillator?