I641-32BC9O2-155.520
AI

The part number **I641-32BC9O2-155.520** refers to a high-precision **Voltage Controlled Crystal Oscillator (VCXO)** typically manufactured by ILSI America (now part of Abracon). These components are designed for high-speed networking and telecommunications applications.
---
### Technical Breakdown of the Part Number
| Segment | Specification | Description |
| :--- | :--- | :--- |
| **I641** | Series Model | Represents a 5.0 x 7.0 mm Surface Mount (SMD) VCXO. |
| **32** | Operating Voltage | Indicates a supply voltage of **3.3V DC**. |
| **B** | Frequency Stability | Typically represents **±50 ppm** stability over temperature. |
| **C** | Operating Temp | Industry standard for **0°C to +70°C** (Commercial grade). |
| **9** | Pullability | Refers to the APR (Absolute Pull Range), usually **±100 ppm**. |
| **O2** | Output Type | **LVPECL** (Low-Voltage Positive Emitter-Coupled Logic). |
| **155.520** | Nominal Frequency | Operating frequency of **155.520 MHz**. |
---
### Key Electronic Characteristics
#### 1. LVPECL Output
The "O2" code signifies an **LVPECL** output. This is a differential signaling standard favored in high-frequency applications because:
* It provides excellent noise immunity.
* It supports very fast switching speeds (low jitter).
* It requires specific termination (usually 50 ohms to $V_{cc} - 2V$).
#### 2. Frequency (155.520 MHz)
The frequency of **155.520 MHz** is a standard industry value used specifically for **SONET/SDH** (OC-3) optical networking rates. It is a fundamental building block for clock generation in fiber-optic communication.
#### 3. VCXO Functionality
As a **Voltage Controlled** oscillator, this device features a "Control Voltage" pin (Pin 1). By varying the voltage on this pin, the user can slightly "pull" or adjust the output frequency. This is essential for:
* **Phase-Locked Loops (PLLs):** Synchronizing a local clock to an incoming data stream.
* **Jitter Cleaning:** Smoothing out irregularities in a clock signal.
---
### Physical and Pin Configuration
The I641 series typically uses a **6-pad ceramic package** measuring **7.0 x 5.0 mm**.
| Pin Number | Function |
| :--- | :--- |
| 1 | Voltage Control ($V_c$) |
| 2 | Enable/Disable (Tristate) |
| 3 | Case Ground |
| 4 | Output (Q) |
| 5 | Complementary Output ($\bar{Q}$) |
| 6 | Supply Voltage ($V_{dd}$) |
---
### Common Applications
* **Telecommunications:** SONET / SDH / ATM.
* **Networking:** Gigabit Ethernet and Fiber Channel.
* **Data Recovery:** Clock and Data Recovery (CDR) circuits.
* **Broadcasting:** Video synchronization equipment.
- ⤷
What are the specific termination requirements for an LVPECL output?
- ⤷ How does the Absolute Pull Range (APR) differ from frequency stability?
- ⤷ Can this part be used in industrial temperature environments (-40°C to +85°C)?